Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSNF661 Fiches technique(PDF) 4 Page - Honeywell Solid State Electronics Center

No de pièce CSNF661
Description  CSN Series closed loop current sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CSNF661 Fiches technique(HTML) 4 Page - Honeywell Solid State Electronics Center

  CSNF661 Datasheet HTML 1Page - Honeywell Solid State Electronics Center CSNF661 Datasheet HTML 2Page - Honeywell Solid State Electronics Center CSNF661 Datasheet HTML 3Page - Honeywell Solid State Electronics Center CSNF661 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CSNF661
CSN Series closed loop current sensor, measures AC, DC or impulse current, 100 A
nominal, ± 150 amp range, offset pin, 1000 turn
PERSONAL INJURY
DO NOT USE these products as safety or emergency stop devices, or in any other
application where failure of the product could result in personal injury.
Failure to comply with these instructions could result in death or serious
injury.
MISUSE OF DOCUMENTATION
The information presented in this product sheet (or catalog) is for reference only.
DO NOT USE this document as product installation information.
Complete installation, operation and maintenance information is provided in the
instructions supplied with each product.
Failure to comply with these instructions could result in death or serious
injury.
© Copyright Honeywell Inc.1998-2006 All rights reserved.
Page 4 of 4
Datasheet -- CSNF661
31/08/2006
http://catalog.sensing.honeywell.com/printfriendly.asp?FAM=current&PN=CSNF661



Html Pages

1 2 3 4