Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NSCB100AT Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce NSCB100AT
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE BLUE LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

NSCB100AT Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  NSCB100AT Datasheet HTML 1Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 2Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 3Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 4Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 5Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 6Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 7Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 8Page - List of Unclassifed Manufacturers NSCB100AT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
-2-
Nichia STSE-CC2008A
<Cat.No.020719>
4.PACKAGING
· The LEDs are packed in cardboard boxes after taping.
According to the total delivery amount,
cardboard boxes will be used to protect the LEDs from mechanical shocks during transportation.
Please refer to figure’s page.
The label on the minimum packing unit bag shows;
Part Number, Lot Number, Ranking, Quantity
· The boxes are not water resistant and therefore must be kept away from water and moisture.
5.LOT NUMBER
The first six digits number shows lot number.
The lot number is composed of the following characters;
!"####
- !$
!
- Year
( 1 for 2001, 2 for 2002 )
"
- Month ( 1 for Jan., 9 for Sep., A for Oct., B for Nov.)
####
- Nichia's Product Number
! - Ranking by Color Coordinates
$
- Ranking by Luminous Intensity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13