Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN54ALS874B Fiches technique(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN54ALS874B
Description  DUAL 4-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN54ALS874B Fiches technique(HTML) 12 Page - Texas Instruments

Back Button SN54ALS874B Datasheet HTML 8Page - Texas Instruments SN54ALS874B Datasheet HTML 9Page - Texas Instruments SN54ALS874B Datasheet HTML 10Page - Texas Instruments SN54ALS874B Datasheet HTML 11Page - Texas Instruments SN54ALS874B Datasheet HTML 12Page - Texas Instruments SN54ALS874B Datasheet HTML 13Page - Texas Instruments SN54ALS874B Datasheet HTML 14Page - Texas Instruments SN54ALS874B Datasheet HTML 15Page - Texas Instruments SN54ALS874B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74ALS874BDWR
SOIC
DW
24
2000
330.0
24.4
10.75
15.7
2.7
12.0
24.0
Q1
SN74ALS874BNSR
SO
NS
24
2000
330.0
24.4
8.2
15.4
2.5
12.0
24.0
Q1
SN74ALS876ADWR
SOIC
DW
24
2000
330.0
24.4
10.75
15.7
2.7
12.0
24.0
Q1
SN74AS874DWR
SOIC
DW
24
2000
330.0
24.4
10.75
15.7
2.7
12.0
24.0
Q1
SN74AS876DWR
SOIC
DW
24
2000
330.0
24.4
10.75
15.7
2.7
12.0
24.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Mar-2008
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20