| Moteur de recherche de fiches techniques de composants électroniques |
|
LO-A676 Fiches technique(PDF) 18 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
LO-A676 Fiches technique(HTML) 18 Page - ams-OSRAM AG |
|
18 / 22 page ![]() LO A676 18 Version 1.4 | 2019-07-22 Notes The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of lamps and lamp systems). Within the risk grouping system of this IEC standard, the device specified in this data sheet falls into the class exempt group (exposure time 10000 s). Under real circumstances (for expo- sure time, conditions of the eye pupils, observation distance), it is assumed that no endangerment to the eye exists from these devices. As a matter of principle, however, it should be mentioned that intense light sources have a high secondary exposure potential due to their blinding effect. When looking at bright light sources (e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irrita- tion, annoyance, visual impairment, and even accidents, depending on the situation. Subcomponents of this device contain, in addition to other substances, metal filled materials including silver. Metal filled materials can be affected by environments that contain traces of aggressive substances. There- fore, we recommend that customers minimize device exposure to aggressive substances during storage, production, and use. Devices that showed visible discoloration when tested using the described tests above did show no performance deviations within failure limits during the stated test duration. Respective failure limits are described in the IEC60810. For further application related information please visit www.osram-os.com/appnotes |