| Moteur de recherche de fiches techniques de composants électroniques |
|
B772 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
B772 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() October 2007 Rev 3 1/8 8 2SB772 PNP medium power transistor Features ■ High current ■ Low saturation voltage ■ Complement to 2SD882 Applications ■ Voltage regulation ■ Relay driver ■ Generic switch ■ Audio power amplifier ■ DC-DC converter Description The device is a PNP transistor manufactured by using planar Technology resulting in rugged high performance devices. The complementary NPN type is 2SD882. Figure 1. Internal schematic diagram SOT-32 (TO-126) 3 2 1 Table 1. Device summary Order code Marking Package Packing 2SB772 B772 SOT-32 Tube www.st.com |
Numéro de pièce similaire - B772 |
|
Description similaire - B772 |