| Moteur de recherche de fiches techniques de composants électroniques |
|
2SE4 Fiches technique(PDF) 7 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
2SE4 Fiches technique(HTML) 7 Page - Honeywell Solid State Electronics Center |
|
7 / 14 page ![]() 7 sensing.honeywell.com MICRO SWITCH™ Miniature Sealed Basic Switches O.F. • Operating force R.F. • Release force P.T. • Pretravel O.T. • Overtravel D.T. • Differential travel O.P. • Operating position MICRO SWITCH™ SE PRODUCT SPECIFICATIONS AND LISTINGS Contact your Honeywell rep or distributor for additional listings Catalog Listing Elect. Rating Spec. (page 5) Contacts Termin- ation mm [in] O.F. g [oz] R.F. min. g [oz] P.T. max. mm [inches] O.T. min. mm [inches] D.T. max. mm [inches] O.P. nom. mm [inches] Comment (see Figure 1) 1SE1 A SPDT Wire leads (3) 305 [12] 142 to 482 [5 to 17] 113 [4] 1,27 [0.050] 0,08 [0.003] 0,1 [0.004] 10,8 [0.425] General purpose 1SE2 A SPST, NC Wire leads (2) 305 [12] 142 to 482 [5 to 17] 113 [4] 1,27 [0.050] 0,08 [0.003] 0,1 [0.004] 10,8 [0.425] Single circuit only 1SE3 A SPST, NO Wire leads (2) 305 [12] 142 to 482 [5 to 17] 113 [4] 1,27 [0.050] 0,08 [0.003] 0,1 [0.004] 10,8 [0.425] Single circuit only 1SE401 F SPDT Wire leads (3) 305 [12] 142 to 482 [5 to 17] 113 [4] 1,27 [0.050] 0,08 [0.003] 0,1 [0.004] 10,8 [0.425] Gold bifurcated contacts 4SE1 B SPDT Wire leads (3) 305 [12] 142 to 482 [5 to 17] 113 [4] 1,27 [0.050] 0,08 [0.003] 0,1 [0.004] 10,8 [0.425] UL, CSA 5SE1 A SPDT Wire leads (3) 305 [12] 142 to 482 [5 to 17] 113 [4] 1,27 [0.050] 0,08 [0.003] 0,1 [0.004] 10,8 [0.425] Oil resistant fluorosilicone seal 7SE1 A SPDT Wire leads (3) 305 [12] 113 to 227 [4 to 8] 57 [2] 1,27 [0.050] 0,08 [0.003] 0,1 [0.004] 10,8 [0.425] Lower force (see Figure 2) 1SE1-T A SPDT Solder pins 142 to 482 [5 to 17] 113 [4] 1,27 [0.050] 0,08 [0.003] 0,1 [0.004] 10,8 [0.425] Solder terminals 12SE4-T A SPDT Solder pins 142 to 539 [5 to 19] 113 [4] 1,27 [0.050] 0,08 [0.003] 0,1 [0.004] 10,8 [0.425] Higher force |