Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFM-1740 Fiches technique(PDF) 2 Page - Pro-Signal

No de pièce SFM-1740
Description  External-driven Piezo Transducer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROSIGNAL [Pro-Signal]
Site Internet  
Logo PROSIGNAL - Pro-Signal

SFM-1740 Fiches technique(HTML) 2 Page - Pro-Signal

  SFM-1740 Datasheet HTML 1Page - Pro-Signal SFM-1740 Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TAPE TYPE INFORMATION:
The design for such tape packing was executed under standard IEC -286-3
The material of the tape is polystyrene in black color. detailed dimensions are as
below:
DIMEDNSIONS OF THE ROLLING PLATE:
The material of the rolling plate is in paper;
The dimensions of the rolling plate are as below:
PACKING DIMENSIONS AND QUANTITY:
The rolling plate is put into a 340X335X35mm inner packing box and is packed with
450 pcs of the transducer per plate.
The dimension of the outer carton is 400X350X350mm containing 10 inner boxes with a
total quantity of 4,500 pcs of the transducer.
The total gross weight per carton is 15.4Kgs,while net weight is 9.9Kgs.
Address: No. 12. Lane 722. Sangtian Road Jiangdong Science Garden
Ningbo, 315040. P. R. China
Fax No: (0574) 87803761
Tel: (0574) 87802511
Page 2 of 2



Html Pages

1 2