Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RJ603G Fiches technique(PDF) 3 Page - Pro-Signal

No de pièce RJ603G
Description  Patch Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROSIGNAL [Pro-Signal]
Site Internet  
Logo PROSIGNAL - Pro-Signal

RJ603G Fiches technique(HTML) 3 Page - Pro-Signal

  RJ603G Datasheet HTML 1Page - Pro-Signal RJ603G Datasheet HTML 2Page - Pro-Signal RJ603G Datasheet HTML 3Page - Pro-Signal RJ603G Datasheet HTML 4Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Patch Cable
Page <3>
17/05/08 V1.0
Specifications
Cable Type
Colour
Connector Type A Connector Type B
Lead Length
(m)
Part Number
Low Profile Patch Cable
Violet
RJ45
RJ45
2.0
RJ-602V
5.0
RJ-605V
10.0
RJ-610V
Orange
0.5
RJ-600-O
1.0
RJ-601-O
2.0
RJ-602-O
3.0
RJ-603-O
5.0
RJ-605-O
White
0.5
RJ-600W
1.0
RJ-601W
2.0
RJ-602W
3.0
RJ-603W
5.0
RJ-605W
10.0
RJ-610W
Orange
RJ-610-O
Black
1.0
RJ-601K
2.0
RJ-602K
3.0
RJ-603K
5.0
RJ-605K
10.0
RJ-610K



Html Pages

1 2 3 4