Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LE-B-P2W Fiches technique(PDF) 17 Page - ams-OSRAM AG

No de pièce LE-B-P2W
Description  OSRAM OSTAR® Projection Power
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LE-B-P2W Fiches technique(HTML) 17 Page - ams-OSRAM AG

Back Button LE-B-P2W Datasheet HTML 13Page - ams-OSRAM AG LE-B-P2W Datasheet HTML 14Page - ams-OSRAM AG LE-B-P2W Datasheet HTML 15Page - ams-OSRAM AG LE-B-P2W Datasheet HTML 16Page - ams-OSRAM AG LE-B-P2W Datasheet HTML 17Page - ams-OSRAM AG LE-B-P2W Datasheet HTML 18Page - ams-OSRAM AG LE-B-P2W Datasheet HTML 19Page - ams-OSRAM AG LE-B-P2W Datasheet HTML 20Page - ams-OSRAM AG LE-B-P2W Datasheet HTML 21Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
LE B P2W
17 Version 1.17 | 2020-11-05
Notes
The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of
lamps and lamp systems). Within the risk grouping system of this IEC standard, the device specified in this
data sheet falls into the class moderate risk (exposure time 0.25 s). Under real circumstances (for exposure
time, conditions of the eye pupils, observation distance), it is assumed that no endangerment to the eye ex-
ists from these devices. As a matter of principle, however, it should be mentioned that intense light sources
have a high secondary exposure potential due to their blinding effect. When looking at bright light sources
(e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irritation, annoy-
ance, visual impairment, and even accidents, depending on the situation.
Subcomponents of this device contain, in addition to other substances, metal filled materials including silver.
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize device exposure to aggressive substances during storage,
production, and use. Devices that showed visible discoloration when tested using the described tests above
did show no performance deviations within failure limits during the stated test duration. Respective failure
limits are described in the IEC60810.
For further application related information please visit www.osram-os.com/appnotes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21