Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E5DC-RX2DUM-017 Fiches technique(PDF) 8 Page - Omron Electronics LLC

No de pièce E5DC-RX2DUM-017
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX2DUM-017 Fiches technique(HTML) 8 Page - Omron Electronics LLC

Back Button E5DC-RX2DUM-017 Datasheet HTML 4Page - Omron Electronics LLC E5DC-RX2DUM-017 Datasheet HTML 5Page - Omron Electronics LLC E5DC-RX2DUM-017 Datasheet HTML 6Page - Omron Electronics LLC E5DC-RX2DUM-017 Datasheet HTML 7Page - Omron Electronics LLC E5DC-RX2DUM-017 Datasheet HTML 8Page - Omron Electronics LLC E5DC-RX2DUM-017 Datasheet HTML 9Page - Omron Electronics LLC E5DC-RX2DUM-017 Datasheet HTML 10Page - Omron Electronics LLC E5DC-RX2DUM-017 Datasheet HTML 11Page - Omron Electronics LLC E5DC-RX2DUM-017 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 138 page
background image
E5GC
8
*1. With set values 1, 4, and 5, the upper- and lower-limit values can
be set independently for each alarm type, and are expressed as
“L” and “H.”
*2. Set value: 1, Upper- and lower-limit alarm
*3. Set value: 4, Upper- and lower-limit range
*4. Set value: 5, Upper- and lower-limit with standby sequence
For Upper- and Lower-Limit Alarm Described Above at *2
• In cases 1 and 2 above, the alarm is always OFF if the upper-
and lower-limit hysteresis overlaps.
• In case 3, the alarm is always OFF.
*5. Set value: 5, Upper- and lower-limit alarm with standby sequence
The alarm is always OFF if upper- and lower-limit hysteresis
overlaps.
*6. Refer to the E5
@C Digital Temperature Controllers User’s Manual
(Cat. No. H174) for information on the operation of the standby
sequence.
*7. Refer to the E5
@C Digital Temperature Controllers User’s Manual
(Cat. No. H174) for information on the LBA.
*8. Refer to the E5
@C Digital Temperature Controllers User’s Manual
(Cat. No. H174) for information on the PV change rate alarm.
*9. When heating/cooling control is performed, the MV absolute-
value upper-limit alarm functions only for the heating operation
and the MV absolute-value lower-limit alarm functions only for the
cooling operation.
LH SP
LH
SP
L
HSP
L
HSP
L
H
SP
Case 1
Case 2
Case 3 (Always OFF)
H<0, L>0
|H| < |L|
H>0, L<0
|H| > |L|
H<0, L<0
H<0, L>0
|H|
≥ |L|
H>0, L<0
|H|
≤ |L|
LH SP
LH
SP
L
HSP
L
L
HSP
H
SP
Case 1
Case 2
Case 3 (Always ON)
H<0, L<0
H<0, L>0
|H|
≥ |L|
H>0, L<0
|H|
≤ |L|
H<0, L>0
|H| < |L|
H>0, L<0
|H| > |L|



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More