| Moteur de recherche de fiches techniques de composants électroniques |
|
HMCSD491 Fiches technique(PDF) 10 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
HMCSD491 Fiches technique(HTML) 10 Page - Omron Electronics LLC |
|
10 / 32 page ![]() Read Any of 15 Types of Codes from Paper Labels to Direct Marking Code and Character Verification OCR and Code Reading inspection items can be combined to read codes and verify them against character strings all within the FQ2. No programming of external devices is required. Reading Direct Marking Codes It has become common to manage information by directly marking codes on products. However, differences in materials often causes instability when reading the printed characters.The FQ2 achieves stable reading with unique functionality designed just for DPM. Expanded Functions : Code Reader Measurement Flow Purpose Compensates for the position of the box. Reads the barcode. Reads the character string and verifies it against the barcode in . Measurement Flow Position Compensation Compe positio Position Compensation P iti C ti Reading Bar code OCR Rea Rea and barc Bar code OCR Outputs Data Outputs the verified character string. g DPM. Marking on Resin Data Matrix Marking on Metal Data Matrix Marking on Small Parts Data Matrix Marking on Film or Glass Data Matrix Measurement Flow Purpose Reads 2D code. Measurement Flow Pu Reads 2 Reads 2 Outputs Data Output Code Reading 2D-code (DPM) Outputs the information that was read. OCR and Code Reading inspection items can be combined to read cod and verify them against character strings all within the FQ2. No N programming of external devices is required. Data Matrix(ECC200) QR Code Micro QR Code GS1-DataMatrix Micro PDF417 QR Code Data Matrix PDF417 JAN/EAN/UPC ITF(Interleaved 2 of 5) GS1-DataBar Code39 Code93 GS1-128 Composite Code Codabar(NW-7) Code128 / GS1-128 Pharmacode 10 |