| Moteur de recherche de fiches techniques de composants électroniques |
|
HMCSD291 Fiches technique(PDF) 8 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
HMCSD291 Fiches technique(HTML) 8 Page - Omron Electronics LLC |
|
8 / 32 page ![]() Measurement Flow Purpose Compensates for the position of the box. Reads the lot number and date. Label position inspection Image Filters Position Compensation Adjusts the image so that it is easier to inspect. Compe positio Position Compensation P iti C ti Inspections OCR Search Read Labe Rd OCR Search Calculations and Outputs Individual Judgement Output Outputs the judgements of and . Measurement Flow Purpose surement Flow Reading Characters OCR Reading characters Verification against reference data ading Characters R Read Verifi refer Outputs Judgement Output Outputs the judgement result from verification at . Previous Vision Sensors FQ2-S4/CH Series Smart Camera Worn Characters Distorted Characters Label Position Inspection Character Recognition Character Recognition with an OCR What was two processes... What was two processes... ...is now combined into one process. ...is now combined into one process. ...is now combined into one process. Purpose Measurement Flow Image Filters I Filt s the image so that it is Adjusts ti t it Meas Rea R Rea OCR Jud Previo Worn Cha What was two processes... was two processes.. What was two processes... New OCR Method to Quickly Read Characters without Dictionary Registration Date Verification Even if printing is distorted or unclear due to conveyor line conditions, a unique reading method with a built-in dictionary enables stable reading of characters. Character Recognition and Label Position Inspection Although previously performed as separate processes, character recognition and inspection tools can now both be performed with a single FQ2 Sensor. This helps you reduce costs and save space. Inspection with a Vision Sensor Extended Functions : OCR 8 |