| Moteur de recherche de fiches techniques de composants électroniques |
|
E39-R Fiches technique(PDF) 60 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R Fiches technique(HTML) 60 Page - Omron Electronics LLC |
|
60 / 100 page ![]() Installation Information Installation Information Threaded Cylindrical Flat Sleeved Small Spot High Power Retro- reflective Limited- reflective Narrow view BGS Chemical- resistant, Oil-resistant Bending Heat- resistant Area Detection Liquid-level Vacuum FPD, Semi, Solar Installation Information Installation Information Threaded Cylindrical Flat Sleeved Small Spot High Power Retro- reflective Limited- reflective Narrow view BGS Chemical- resistant, Oil-resistant Bending Heat- resistant Area Detection Liquid-level Vacuum FPD, Semi, Solar 60 60 Models Installation Cable Weight (packed state) (g) Demensions Page No. Ambient temperature Tightening torque Mounting hole Bending radius Unbendable length*1 Tensile strength Sheath material Core material Emitter/receiver differentiation E32-LR11NP 2M −40 to 70°C *2 0.98N · m 6.2+0.5 0 dia. R2 0 29.4N Polyethylene Plastic None 40 35 Page 35-A 97 Page 97-G E32-LT11 2M −40 to 70°C 0.78N · m − R25 10 29.4N Polyethylene Plastic None 40 07 Page 07-C 25 Page 25-C E32-LT11N 2M −40 to 70°C 0.78N · m 4.2+0.5 0 dia. R2 0 29.4N Polyethylene Plastic None 40 25 Page 25-A 97 Page 97-A E32-LT11R 2M −40 to 70°C 0.78N · m − R1 0 29.4N Polyethylene Plastic None 40 07 Page 07-C 25 Page 25-C E32-LT35Z 2M −40 to 70°C 0.15N · m − R1 0 9.8N Polyethylene Plastic None 25 15 Page 15-D E32-R16 2M −25 to 55°C 0.54N · m − R25 10 29.4N Polyethylene Plastic None 220 (E39-R1 included.) 35 Page 35-B E32-R21 2M −40 to 70°C 0.39N · m 6.2+0.5 0 dia. R10 10 9.8N Polyethylene Plastic None 70 (E39-R3 included.) 35 Page 35-C E32-T10V 2M −25 to 70°C 0.3N · m − R25 10 29.4N Fluororesin Plastic None 170 53 Page 53-D E32-T11 2M −40 to 70°C 0.78N · m 4.2+0.5 0 dia. R4 10 29.4N PVC Plastic None 40 41 Page 41-C E32-T11F 2M −40 to 70°C 0.29N · m − R4 10 29.4N Fluororesin Plastic None 60 39 Page 39-C E32-T11N 2M −40 to 70°C 0.78N · m 4.2+0.5 0 dia. R1 0 29.4N PVC Plastic None 70 07 Page 07-A E32-T11NF 2M −25 to 70°C 12N · m 8.5+0.5 0 dia. R1 0 29.4N Fluororesin Plastic None 80 39 Page 39-A E32-T11R 2M −40 to 70°C 0.78N · m 4.2+0.5 0 dia. R1 0 29.4N PVC Plastic None 50 07 Page 07-B E32-T12F 2M −40 to 70°C 0.78N · m 5.5+0.5 0 dia. R40 10 29.4N Fluororesin Plastic None 210 39 Page 39-B E32-T12R 2M −40 to 70°C 0.29N · m 3.2+0.5 0 dia. R1 0 29.4N PVC Plastic None 60 11 Page 11-C E32-T14 2M −40 to 70°C 0.49N · m − R25 10 29.4N Polyethylene Plastic None 60 25 Page 25-D E32-T14F 2M −40 to 70°C 0.78N · m 5.5+0.5 0 dia. R40 10 29.4N Fluororesin Plastic None 220 39 Page 39-D E32-T14LR 2M −40 to 70°C 0.29N · m 3.2+0.5 0 dia. R1 0 29.4N PVC Plastic None 60 11 Page 11-D E32-T15XR 2M −40 to 70°C 0.15N · m − R1 0 29.4N PVC Plastic None 60 15 Page 15-A E32-T15YR 2M −40 to 70°C 0.15N · m − R1 0 29.4N PVC Plastic None 60 15 Page 15-B E32-T15ZR 2M −40 to 70°C 0.15N · m − R1 0 29.4N PVC Plastic None 60 15 Page 15-C E32-T16JR 2M −40 to 70°C 0.29N · m − R1 0 29.4N PVC Plastic None 60 49 Page 49-B E32-T16PR 2M −40 to 70°C 0.29N · m − R1 0 9.8N PVC Plastic None 60 49 Page 49-A E32-T16WR 2M −25 to 55°C 0.29N · m − R1 0 9.8N PVC Plastic None 60 49 Page 49-C E32-T17L 10M −40 to 70°C 0.78N · m 14.5+10 dia. R25 10 29.4N Polyethylene Plastic None 240 25 Page 25-B E32-T21 2M −40 to 70°C 0.78N · m 3.2 +0.5 0 dia. *3 R4 10 9.8N PVC Plastic None 30 41 Page 41-B E32-T21-S1 2M −40 to 70°C 0.78N · m 3.2 +0.5 0 dia. *3 R10 10 9.8N Polyethylene Plastic None 45 17 Page 17-D E32-T223R 2M −40 to 70°C 0.20N · m 1.2+0.5 0 dia. R1 20 9.8N Polyethylene Plastic None 40 11 Page 11-A E32-T22B 2M −40 to 70°C 0.20N · m 1.7+0.5 0 dia. R4 10 9.8N PVC Plastic None 40 11 Page 11-B 41 Page 41-A E32-T22S 2M −40 to 70°C 0.29N · m 3.2+0.5 0 dia. R10 10 29.4N PVC Plastic None 60 31 Page 31-F E32-T24E 2M −40 to 70°C 0.29N · m 2.7+0.5 0 dia. R10 10 9.8N Polyethylene Plastic None 40 17 Page 17-B E32-T24R 2M −40 to 70°C 0.29N · m 2.2+0.5 0 dia. R1 0 9.8N Polyethylene Plastic None 40 17 Page 17-A E32-T24S 2M −40 to 70°C 0.29N · m − R10 10 29.4N PVC Plastic None 60 31 Page 31-E 57 Page 57-E E32-T24SR 2M −40 to 70°C 0.29N · m − R1 0 9.8N PVC Plastic None 60 31 Page 31-D 57 Page 57-D E32-T25XB 2M −40 to 70°C 0.15N · m − R4 10 9.8N PVC Plastic None 40 41 Page 41-D *1 Unbendable length of cable from fiber head. Do not bend the cable for at least 20 mm from where the cable inserts into the Fiber Amplifier Unit. *2 Ambient operating temperature of the recommended reflector (E39-RP1) is −40 to 60°C. *3 For embedded mounting, prepare a hole with a diameter of 2.6 mm. |