| Moteur de recherche de fiches techniques de composants électroniques |
|
E39-R3 Fiches technique(PDF) 58 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R3 Fiches technique(HTML) 58 Page - Omron Electronics LLC |
|
58 / 100 page ![]() Installation Information Installation Information Threaded Cylindrical Flat Sleeved Small Spot High Power Retro- reflective Limited- reflective Narrow view BGS Chemical- resistant, Oil-resistant Bending Heat- resistant Area Detection Liquid-level Vacuum FPD, Semi, Solar Installation Information Installation Information Threaded Cylindrical Flat Sleeved Small Spot High Power Retro- reflective Limited- reflective Narrow view BGS Chemical- resistant, Oil-resistant Bending Heat- resistant Area Detection Liquid-level Vacuum FPD, Semi, Solar 58 58 Models Installation Cable Weight (packed state) (g) Demensions Page No. Ambient temperature Tightening torque Mounting hole Bending radius Unbendable length*1 Tensile strength Sheath material Core material Emitter/receiver differentiation E32-A01 5M −40 to 70°C 0.03N · m − R4 10 9.8N Fluororesin Plastic None 200 51 Page 51-A E32-A03 2M −40 to 70°C 0.29N · m − R1 0 9.8N Polyethylene Plastic None 40 31 Page 31-A 57 Page 57-A E32-A03-1 2M −40 to 70°C 0.29N · m − R10 10 9.8N Polyethylene Plastic None 50 31 Page 31-B 57 Page 57-B E32-A04 2M −40 to 70°C 0.29N · m 2.2+0.5 0 dia. R10 10 9.8N Polyethylene Plastic None 40 31 Page 31-C 57 Page 57-C E32-A08 2M −40 to 70°C 0.53N · m − R25 10 9.8N Polyethylene Plastic None 60 37 Page 37-C 55 Page 55-B E32-A08H2 2M −40 to 300°C *2 0.53N · m − R25 10 29.4N SUS Glass None 240 47 Page 47-D 55 Page 55-C E32-A09 2M −40 to 70°C 0.53N · m − R25 10 9.8N Polyethylene Plastic None 60 37 Page 37-F 55 Page 55-E E32-A09H2 2M −40 to 300°C *2, *3 0.53N · m − R25 10 9.8N SUS Glass None 230 47 Page 47-E 55 Page 55-F E32-A12 2M −40 to 70°C 0.53N · m − R25 10 9.8N Polyethylene Plastic None 60 37 Page 37-D 55 Page 55-D E32-C21N 2M −40 to 70°C 0.29N · m 3.2 +0.5 0 dia. *4 R2 0 9.8N Polyethylene Plastic White line on emitter cable 30 97 Page 97-D E32-C31 2M −40 to 70°C 0.78N · m 3.2 +0.5 0 dia. *4 R25 10 9.8N Polyethylene Plastic White line on emitter cable 40 09 Page 09-D E32-C31M 1M −40 to 70°C 0.78N · m 3.2 +0.5 0 dia. *4 R10 10 9.8N Polyethylene Plastic White line on emitter cable 40 09 Page 09-E E32-C31N 2M −40 to 70°C 0.29N · m 3.2 +0.5 0 dia. *4 R4 0 9.8N PVC and Polyethylene Plastic White line on emitter cable 40 09 Page 09-A E32-C41 1M −40 to 70°C 0.78N · m 3.2 +0.5 0 dia. *4 R25 10 9.8N Polyethylene Plastic White tube on emitter cable 30 23 Page 23-A , 23-D E32-C42 1M −40 to 70°C 0.29N · m 2.2+0.5 0 dia. R25 10 9.8N Polyethylene Plastic White tube on emitter cable 30 21 Page 21-A , 21-B E32-C42S 1M −40 to 70°C 0.29N · m 3.2+0.5 0 dia. R25 10 4N Polyolefin Plastic White tube on emitter cable 30 21 Page 21-E E32-CC200 2M −40 to 70°C 0.98N · m 6.2+0.5 0 dia. R25 10 29.4N Polyethylene Plastic White line on emitter cable 40 09 Page 09-H E32-C91N 2M −40 to 70°C 0.98N · m 6.2+0.5 0 dia. R4 0 29.4N Polyethylene Plastic White line on emitter cable 36 09 Page 09-B 97 Page 97-F E32-D11 2M −40 to 70°C 0.98N · m 6.2+0.5 0 dia. R4 10 29.4N PVC Plastic None 50 43 Page 43-E E32-D11R 2M −40 to 70°C 0.98N · m 6.2+0.5 0 dia. R1 0 29.4N PVC Plastic None 50 09 Page 09-G E32-D11U 2M −40 to 70°C 0.98N · m 6.2+0.5 0 dia. R4 10 29.4N Fluororesin Plastic None 60 39 Page 39-I E32-D12F 2M −40 to 70°C 0.78N · m 6.5+0.5 0 dia. R40 10 29.4N Fluororesin Plastic None 190 39 Page 39-H E32-D15XR 2M −40 to 70°C 0.15N · m − R1 0 29.4N PVC Plastic None 60 15 Page 15-E E32-D15YR 2M −40 to 70°C 0.15N · m − R1 0 29.4N PVC Plastic None 60 15 Page 15-F E32-D15ZR 2M −40 to 70°C 0.15N · m − R1 0 29.4N PVC Plastic None 60 15 Page 15-G E32-D16 2M −40 to 70°C 0.53N · m − R4 10 29.4N PVC Plastic None 70 25 Page 25-E E32-D21 2M −40 to 70°C 0.78N · m 3.2 +0.5 0 dia. *4 R4 10 9.8N PVC Plastic None 20 43 Page 43-B E32-D211R 2M −40 to 70°C 0.78N · m 4.2+0.5 0 dia. R1 0 9.8N Polyethylene Plastic None 40 09 Page 09-F E32-D21B 2M −40 to 70°C 0.78N · m 4.2+0.5 0 dia. R4 10 9.8N PVC Plastic None 40 43 Page 43-D E32-D21N 2M −40 to 70°C 0.78N · m 4.2+0.5 0 dia. R2 0 9.8N Polyethylene Plastic None 30 97 Page 97-E E32-D21R 2M −40 to 70°C 0.78N · m 3.2 +0.5 0 dia. *4 R1 0 9.8N Polyethylene Plastic None 20 09 Page 09-C E32-D21-S3 2M −40 to 70°C 0.78N · m 4.2+0.5 0 dia. R10 10 9.8N Polyethylene Plastic None 50 19 Page 19-J E32-D221B 2M −40 to 70°C 0.29N · m 3.2+0.5 0 dia. R4 10 9.8N PVC Plastic None 40 13 Page 13-D 43 Page 43-C E32-D22B 2M −40 to 70°C 0.2N · m 1.7+0.5 0 dia. R4 10 9.8N PVC Plastic None 30 13 Page 13-A 43 Page 43-A *1 Unbendable length of cable from fiber head. Do not bend the cable for at least 20 mm from where the cable inserts into the Fiber Amplifier Unit. *2 The heat-resistant rating is not the same for all parts of the Fiber Unit. Refer to the dimensions diagrams for details. *3 Avoid rapid temperature changes. *4 For embedded mounting, prepare a hole with a diameter of 2.6 mm. |