| Moteur de recherche de fiches techniques de composants électroniques |
|
E5DC-RX2DSM-017 Fiches technique(PDF) 8 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2DSM-017 Fiches technique(HTML) 8 Page - Omron Electronics LLC |
|
8 / 120 page ![]() E5GC 8 *1. With set values 1, 4, and 5, the upper- and lower-limit values can be set independently for each alarm type, and are expressed as “L” and “H.” *2. Set value: 1, Upper- and lower-limit alarm *3. Set value: 4, Upper- and lower-limit range *4. Set value: 5, Upper- and lower-limit with standby sequence For Upper- and Lower-Limit Alarm Described Above at *2 • In cases 1 and 2 above, the alarm is always OFF if the upper- and lower-limit hysteresis overlaps. • In case 3, the alarm is always OFF. *5. Set value: 5, Upper- and lower-limit alarm with standby sequence The alarm is always OFF if upper- and lower-limit hysteresis overlaps. *6. Refer to the E5 @C Digital Temperature Controllers User’s Manual (Cat. No. H174) for information on the operation of the standby sequence. *7. Refer to the E5 @C Digital Temperature Controllers User’s Manual (Cat. No. H174) for information on the LBA. *8. Refer to the E5 @C Digital Temperature Controllers User’s Manual (Cat. No. H174) for information on the PV change rate alarm. *9. When heating/cooling control is performed, the MV absolute- value upper-limit alarm functions only for the heating operation and the MV absolute-value lower-limit alarm functions only for the cooling operation. LH SP LH SP L HSP L HSP L H SP Case 1 Case 2 Case 3 (Always OFF) H<0, L>0 |H| < |L| H>0, L<0 |H| > |L| H<0, L<0 H<0, L>0 |H| ≥ |L| H>0, L<0 |H| ≤ |L| LH SP LH SP L HSP L L HSP H SP Case 1 Case 2 Case 3 (Always ON) H<0, L<0 H<0, L>0 |H| ≥ |L| H>0, L<0 |H| ≤ |L| H<0, L>0 |H| < |L| H>0, L<0 |H| > |L| |