| Moteur de recherche de fiches techniques de composants électroniques |
|
FZ-SF/SFC Fiches technique(PDF) 47 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
FZ-SF/SFC Fiches technique(HTML) 47 Page - Omron Electronics LLC |
|
47 / 54 page ![]() FH-Series 47 Field of vision (mm) 10 100 1,000 10 1 100 1,000 3Z4S-LE SV-1214H SV-2514H SV-3514H SV-7525H SV-10028H SV-0614H SV-0814H SV-5014H SV-1614H 5,000 t40 t30 t20 t10 t5 t5 t10 t40 t20 t30 t0 t5 t10 t10 t20 t5 t15 t0.5 t1 t0.5 t0 t0 t0 t0 t0.5 t0.5 t0 t2 t5 t10 t0 t0 t0 t15 t40 t30 t20 t10 t5 t5 t10 t40 t20 t30 t0 t5 t10 t10 t20 t5 t15 t0.5 t1 t0.5 t0 t0 t0 t0 t0.5 t0.5 t0 t2 t5 t10 t0 t0 t0 t15 t0.5 t0.5 Digital CMOS Camera FH-S @05R 5 million-pixel (Using 3Z4S-LE SV-H Series) 1,000 100 10 1 10 100 1,000 5,000 t1 t2 t0.5 t2 t0.5 t1 t2 t2 t10 t5 t2 t1 t30 t25 t20 t15 t10 t5 t20 t15 t10 t5 t40 t35 t30 t25 t20 t15 t10 t5 t40 t35 t30 t25 t20 t15 t10 t5 t0 t25 t20 t15 t10 t5 t0 t5 t40 t35 t30 t25 t40 t35 t30 t0 t0 t0 t0 t0 t0 t0 Field of vision (mm) SV-0814H SV-1614H SV-0614H SV-1214H SV-3514H SV-7525H SV-10028H SV-5014H SV-2514H 3Z4S-LE High-speed Digital CMOS Camera FH-S @X01 1.6 million-pixel (Using 3Z4S-LE SV-H Series) 3Z4S-LE SV-1614H SV-2514H SV-5014H SV-7525H SV-10028H SV-0614H SV-0814H SV-1214H SV-3514H 10 100 1,000 5,000 10 100 1,000 Field of vision (mm) t1 t2 t0.5 t2 t0.5 t1 t2 t2 t10 t5 t2 t1 t30 t25 t20 t15 t10 t5 t20 t15 t10 t5 t40 t35 t30 t25 t20 t15 t10 t5 t40 t35 t30 t25 t20 t15 t10 t5 t0 t25 t20 t15 t10 t5 t0 t5 t40 t35 t30 t25 t40 t35 t30 t0 t0 t0 t0 t0 t0 t0 High-speed Digital CMOS Camera FH-S @X03 3.2 million-pixel (Using 3Z4S-LE SV-H Series) Field of vision (mm) 10 100 1,000 10,000 10 100 1,000 3Z4S-LE VS-2514H1 VS-3514H1 VS-5018H1 SV-7525H SV-10028H VS-0618H1 VS-0814H1 VS-1214H1 VS-1614H1N t0 t0 t0 t0 t0 t0 t0 t0.5 t0.5 t1 t1 t2 t2 t5 t2 t2 t5 t5 t5 t5 t5 t10 t10 t10 t10 t10 t20 t15 t15 t15 t15 t20 t20 t40 t25 t25 t30 t30 t40 t0 t0 t0.5 t0.5 t1 High-speed Digital CMOS Camera FH-S @02 2 million-pixel (Using 3Z4S-LE SV-H/VS-H1 Series) |