Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E5DC-RX2AUM-002 Fiches technique(PDF) 15 Page - Omron Electronics LLC

No de pièce E5DC-RX2AUM-002
Description  Digital Temperature Controller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5DC-RX2AUM-002 Fiches technique(HTML) 15 Page - Omron Electronics LLC

Back Button E5DC-RX2AUM-002 Datasheet HTML 11Page - Omron Electronics LLC E5DC-RX2AUM-002 Datasheet HTML 12Page - Omron Electronics LLC E5DC-RX2AUM-002 Datasheet HTML 13Page - Omron Electronics LLC E5DC-RX2AUM-002 Datasheet HTML 14Page - Omron Electronics LLC E5DC-RX2AUM-002 Datasheet HTML 15Page - Omron Electronics LLC E5DC-RX2AUM-002 Datasheet HTML 16Page - Omron Electronics LLC E5DC-RX2AUM-002 Datasheet HTML 17Page - Omron Electronics LLC E5DC-RX2AUM-002 Datasheet HTML 18Page - Omron Electronics LLC E5DC-RX2AUM-002 Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 120 page
background image
E5GC
15
Mounting Adapter
Y92F-53 (Two provided.)
Waterproof Packing
Y92S-P12
Draw-out Jig
Y92F-55
12
34.7
11.8 9.4
One pair is provided with the Temperature
Controller. Order this Adapter separately if it
becomes lost or damaged.
The Waterproof Packing is provided with the Temperature Controller.
Order the Waterproof Packing separately if it becomes lost or damaged.
The Waterproof Packing can be used to achieve an IP66 degree of protection.
(Deterioration, shrinking, or hardening of the waterproof packing may occur depending on the operating
environment. Therefore, periodic replacement is recommended to ensure the level of waterproofing
specified in IP66. The time for periodic replacement depends on the operating environment.
Be sure to confirm this point at your site. Consider three years a rough standard.)
28.7
15
30.5
32.9
1.4
23
27.4
22
20
Use this Draw-out Jig to remove the interior
body of the Digital Temperature Controller
from the case to perform maintenance
without removing the terminal wiring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More