| Moteur de recherche de fiches techniques de composants électroniques |
|
E39-R1 Fiches technique(PDF) 14 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R1 Fiches technique(HTML) 14 Page - Omron Electronics LLC |
|
14 / 38 page ![]() E3X-NH E3X-NH 14 Nomenclature E3X-NH11 (NPN) E3X-NH21 (NPN) E3X-NHB11 (NPN) Note: Used for making fine-sensitivity adjustments. Operation Indicator (orange) ON when output is ON. Incident Level Indicators (green, 8 levels) ON depending on the incident light amount. Mode Selector Switchable among TEACH, ADJ, and RUN modes. UP/DOWN Selector (see note) Select UP for increasing the threshold value. Select DOWN for decreasing the threshold value. Operation Mode Selector Switchable between light-ON and dark-ON modes. SET Button For teaching or for fine threshold adjustment Threshold Indicators (red, 13 levels) Indicates threshold level. E3X-NH41 (PNP) E3X-NH51 (PNP) |