| Moteur de recherche de fiches techniques de composants électroniques |
|
E32-R16 Fiches technique(PDF) 12 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E32-R16 Fiches technique(HTML) 12 Page - Omron Electronics LLC |
|
12 / 38 page ![]() E3X-NH E3X-NH 12 Operating Range (Typical) With standard sensing object at max. sensitivity. E32-D32L E32-D33 E32-D51 E32-L25L Sensing object Sensing object Set distance X Sensing object Set dis- tance X Operating position Y Set distance X (mm) Set distance X (mm) Sensing object Set distance X (mm) Set distance X (mm) Sensing object • E3X-NHB11 E32-DC200 E32-D11L E32-CC200 E32-D51 Set distance X (mm) Set distance X (mm) Set distance X (mm) Set distance X (mm) Parallel Operating Range (Typical) At max. sensitivity. • E3X-NHj1 E32-TC200 E32-TC200 with E39-F2 E32-T11L E32-T11L with E39-F1 E32-T11L with E39-F2 E32-T21L E32-T22 Set distance X (mm) Set distance X (mm) Set distance X (mm) Set distance X (m) Set distance X (mm) Set distance X (mm) Set distance X (mm) E32-T11R Set distance X (m) |