Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E39-R3 Fiches technique(PDF) 16 Page - Omron Electronics LLC

No de pièce E39-R3
Description  Fine Tuning Fiber Photoelectric Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Fiches technique(HTML) 16 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 12Page - Omron Electronics LLC E39-R3 Datasheet HTML 13Page - Omron Electronics LLC E39-R3 Datasheet HTML 14Page - Omron Electronics LLC E39-R3 Datasheet HTML 15Page - Omron Electronics LLC E39-R3 Datasheet HTML 16Page - Omron Electronics LLC E39-R3 Datasheet HTML 17Page - Omron Electronics LLC E39-R3 Datasheet HTML 18Page - Omron Electronics LLC E39-R3 Datasheet HTML 19Page - Omron Electronics LLC E39-R3 Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
E3X-NH
E3X-NH
16
Sensitivity Setting and Adjustment
Refer to the following to select the most suitable sensitivity setting method. It is recommended that with/without-object teaching and manual-
tuning be tried first.
Using the Sensor at the
Maximum Sensitivity
Application Examples
Detection of passing objects with
through-beam sensor.
Detection of the existence of objects
that interrupt light perfectly.
Detection of objects with no back-
ground objects.
Checking IC Tray Arrangements
E3X-NH
Sensing Slight Differences
Application Examples
Detection of slight differences in reflec-
tion.
Detection of translucent objects.
Detection of object surface irregulari-
ties.
Color discrimination.
Detecting IC Chips on Film Sheet
E3X-NH
E32-T16P
Sensitivity Setting Without
Objects
Application Examples
Detection of minute passing objects.
Detection of lead wires.
High-precision positioning.
Detecting Lead Frame Position
E32-D32
Lead frame
Fine-tuning on Production Lines
Occasion
Marginal sensitivity adjustment is required considering the
differences of objects.
High-precision positioning of electronic parts is required.
Detecting Lead Frame
Rises
E3X-NH
Ideal Operation Under Frequently Changing
Environments
Occasion
Dust sticking to the fiber head.
Sensing objects are slightly different to one another in color
or surface conditions.
Detecting Passing
Chip Parts
E3X-NH
E32-T16P
B. Auto-tuning (Automatic Sensitivity Compensation)
Fine-tuning,
if required.
E32-T24
Detecting Cassette Tape
Cases
Ensuring reliable detection
without being influenced by
the difference in color or mark.
E3X-NH
E32-L25A
3.3 mm
Counting Number Of Pills
Film sheet
1. Maximum Sensitivity Setting
3. Positioning/No-object Teaching
2. With/Without-object Teaching
A. Manual-tuning (Fine Sensitivity Adjustment)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38