| Moteur de recherche de fiches techniques de composants électroniques |
|
E5AC-RX4A5M-010 Fiches technique(PDF) 126 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5AC-RX4A5M-010 Fiches technique(HTML) 126 Page - Omron Electronics LLC |
|
126 / 138 page ![]() E5 @C/E5@C-T 126 E5CC/E5CC-B/E5CC-U/E5CC-T • E5CC/E5CC-T There are two models of Terminal Covers that you can use with the E5CC/E5CC-T. • E5CC-U For the Wiring Socket for the E5CC-U, purchase the P2CF-11 or PG3A-11 separately. 1. For waterproof mounting, waterproof packing must be installed on the Digital Temperature Controller. Waterproofing is not possible when group mounting several Digital Temperature Controllers. The E5CC-U cannot be waterproofed even if the Waterproof Packing is inserted. 2. Insert the E5CC/E5CC-B/E5CC-U/E5CC-T into the mounting hole in the panel. 3. Push the adapter from the terminals up to the panel, and temporarily fasten the E5CC/E5CC-B/E5CC-U/E5CC-T. 4. Tighten the two fastening screws on the adapter. Alternately tighten the two screws little by little to maintain a balance. Tighten the screws to a torque of 0.29 to 0.39 N·m. E5EC/E5EC-B/E5AC/E5EC-T/E5AC-T 1. For waterproof mounting, waterproof packing must be installed on the Digital Temperature Controller. Waterproofing is not possible when group mounting several Digital Temperature Controllers. 2. Insert the E5EC/E5EC-B/E5AC/E5EC-T/E5AC-T into the mounting hole in the panel. 3. Push the adapter from the terminals up to the panel, and temporarily fasten the E5EC/E5EC-B/E5AC/E5EC-T/E5AC-T. 4. Tighten the two fastening screws on the adapter. Alternately tighten the two screws little by little to maintain a balance. Tighten the screws to a torque of 0.29 to 0.39 N·m. E5DC/E5DC-B 1. Insert the E5DC/E5DC-B into the mounting hole in the panel. (Attach the Terminal Unit after you insert the Main Unit.) 2. Push the Adapter from the Terminal Unit up to the panel, and temporarily fasten the E5DC/E5DC-B. 3. Tighten the two fastening screws on the Adapter. Alternately tighten the two screws little by little to maintain a balance. Tighten the screws to a torque of 0.29 to 0.39 N·m. E5DC Mounting to and Removing from DIN Track • Mounting a Unit Pull down the DIN Track hook on the Terminal Unit and catch the top hook on the DIN Track. Press the Unit onto the DIN Track until the DIN Track hooks are locked in place. • Removing a Unit Pull down on the DIN Track Hook with a flat-blade screwdriver and lift up the Unit. Panel Water Proof Packing Terminal Cover (E53-COV17) (Sold separately) Adapter Terminal Cover (E53-COV23) Adapter Adapter Panel Water Proof Packing Terminal Cover (E53-COV24) Terminal Cover (E53-COV24) Main Unit Panel Terminal Unit Adapter 1. Pull down the hook. 2. Catch the top hook on the DIN Track. 4. Make sure that the hooks are locked in place. 3. Press the Unit onto the DIN Track. |