Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E5AC-RX4A5M-010 Fiches technique(PDF) 75 Page - Omron Electronics LLC

No de pièce E5AC-RX4A5M-010
Description  Digital Temperature Controller
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5AC-RX4A5M-010 Fiches technique(HTML) 75 Page - Omron Electronics LLC

Back Button E5AC-RX4A5M-010 Datasheet HTML 71Page - Omron Electronics LLC E5AC-RX4A5M-010 Datasheet HTML 72Page - Omron Electronics LLC E5AC-RX4A5M-010 Datasheet HTML 73Page - Omron Electronics LLC E5AC-RX4A5M-010 Datasheet HTML 74Page - Omron Electronics LLC E5AC-RX4A5M-010 Datasheet HTML 75Page - Omron Electronics LLC E5AC-RX4A5M-010 Datasheet HTML 76Page - Omron Electronics LLC E5AC-RX4A5M-010 Datasheet HTML 77Page - Omron Electronics LLC E5AC-RX4A5M-010 Datasheet HTML 78Page - Omron Electronics LLC E5AC-RX4A5M-010 Datasheet HTML 79Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 138 page
background image
E5DC/E5DC-B
75
Mounting Adapters
Y92F-53 (Two included.)
Short Bars
Y92S-P11 (Four included.)
End Plate
PFP-M
DIN Tracks
PFP-100N
PFP-50N
Spacer
PFP-S
Unit Labels
Y92S-L2
End Cover
Y92F-54 (Two included.)
12
34.7
11.8 9.4
This accessory is not included with the
product. Order it separately to mount
the product to a panel.
3
2.4
0.8
24.8
27.5
22.5
5
Use this product to connect between terminals (for power supplies,
communications, etc.) when you use multiple E5DC Controllers.
50
11.5
10
M4×8
pan head
screw
M4 spring washer
4.8
1.3
1.8
1
10
6.2
1.8
35.5 35.3
4.5
15
25
25
10
10
1000 (500)
*
25
25
15 (5)
*
35±0.3
7.3±0.15
27±0.15
1
* Dimensions in parentheses are for the PFP-50N.
5
16
12
44.3
34.8
16.5
The Unit Labels for the Digital Panel
Meter are used. Use either the
°C or °F
label from the sheet.
5.3
3.9
68
96
Use the End Cover when you mount the E5DC/E5DC-B to a
panel to hide the gap between the Controller and the panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More