| Moteur de recherche de fiches techniques de composants électroniques |
|
A1SJ71UC24-R4 Fiches technique(PDF) 13 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A1SJ71UC24-R4 Fiches technique(HTML) 13 Page - Omron Electronics LLC |
|
13 / 24 page ![]() 13 EJ1 MELSEC-Q/QnA/QnAS Series Note: 1. Refer to the Mitsubishi Electric PLC documentation for information on MELSEC PLCs. 2. More than one EJ1 Controller to one PLC is not possible even with RS-422 communications. Refer to Connecting EJ1 Controllers 1:N to a PLC, below, for product combinations that support 1:N connections. 3. Connection ability has been verified for the above MELSEC models. Design changes and other factors, however, may prevent normal connection. Always confirm operation in advance. MELSEC-An/AnS Series Note: Use a MELSEC-AnA/AnU CPU. MELSEC-FX3UC Series Connecting EJ1 Controllers 1:N to a PLC The combinations of PLCs and HFUs that can be connected 1:N are listed below. CS/CJ/CP/NJ Series *1. Only the CJ1W-SCU@2 Serial Communications Unit can be used to connect to an NJ-series Controller. *2. Use only products manufactured on or after December 20, 1999. For details, refer to the CS/CJ Series, Serial Communications Boards/Units Operation Manual (Cat. No. W336). MELSEC-Q/QnA/QnAS Series Note: Refer to the Mitsubishi Electric PLC documentation for information on MELSEC PLCs. Name Model No. Communications ports Channel 1 Channel 2 Q-compatible Serial Communications Unit QJ71C24N QJ71C24 RS-232C RS-422/485 QJ71C24N-R2 QJ71C24-R2 RS-232C RS-232C QJ71C24N-R4 RS-422/485 RS-422/485 QnA-compatible Serial Communications Unit AJ71QC24N RS-232C RS-422/485 AJ71QC24N-R2 RS-232C RS-232C AJ71QC24N-R4 RS-422 RS-422/485 QnAS-compatible Serial Communications Unit A1SJ71QC24N RS-232C RS-422/485 A1SJ71QC24N-R2 RS-232C RS-232C Name Model No. Communications ports An-compatible Computer Link Unit AJ71UC24 RS-232C or RS-422/485 AnS-compatible Computer Link Unit A1SJ71UC24-R2 RS-232C A1SJ71UC24-R4 RS-422/485 A1SJ71UC24-PRF RS-232C Name Model No. Communications ports Communications Adapter FX3U-232ADP RS-232C FX3U-485ADP RS-485 Function Board FX3U-232-BD RS-232C FX3U-485-BD RS-485 Name Model No. Communications ports Serial Communications Units *1 CJ1W-SCU31-V1 Port 1 or 2 CJ1W-SCU41-V1 Port 1 CS1W-SCU31-V1 Port 1 or 2 Serial Communications Board CS1W-SCB41-V1 *2Port 2 Serial Option Board (when CJ2M-CPU3 @ is used) CP1W-CIF12-V1 CP1W-CIF11 RS-422A/485 can be used by adding an Option Board. CPU Units CP Series RS-422A/485 can be used by adding an Option Board. EJ1N-HFU EJ1N-HFUA-NFLK EJ1N-HFUB-NFLK Port C Name Model No. Serial Communications Units Channel 2 of QJ71C24N QJ71C24N-R4 Channel 2 of A1SJ71QC24N Channel 2 of AJ71QC24N AJ71QC24N-R4 EJ1N-HFU EJ1N-HFUA-NFL2 EJ1N-HFUB-NFL2 V1.1 V1.1 V1.1 |