| Moteur de recherche de fiches techniques de composants électroniques |
|
E5CD-RX2A6M-001 Fiches technique(PDF) 33 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5CD-RX2A6M-001 Fiches technique(HTML) 33 Page - Omron Electronics LLC |
|
33 / 56 page ![]() E5ED/E5ED-B 33 Isolation/Insulation Block Diagrams Note: Auxiliary outputs 1 and 2 and auxiliary outputs 3 and 4 are not insulated. Nomenclature Sensor input and CT input Communications and event inputs Voltage output (for driving SSR), linear current output, and transfer output Relay output 1 Auxiliary outputs 1, 2 : Reinforced insulation : Functional isolation Power supply Auxiliary outputs 3, 4 Relay output 2 Front-panel Setup Tool port No. 3 display Manipulated value or other value Press O Key once to go to Adjustment Level. Press O Key for at least 3 seconds to go to Initial Setting Level. Operation indicators No. 1 display No. 2 display Temperature unit Front panel PV or specified parameter SP or specified parameter value Top View Top-panel Setup Tool port Use the M Key to change to another parameter. Use S Key to change the digit (default setting). Use the U D Keys to set the parameter. Bar display E5ED/E5ED-B |