| Moteur de recherche de fiches techniques de composants électroniques |
|
E3ZM-R61 2M Fiches technique(PDF) 1 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3ZM-R61 2M Fiches technique(HTML) 1 Page - Omron Electronics LLC |
|
1 / 17 page ![]() 1 CSM_E3ZM_DS_E_5_8 Compact Photoelectric Sensor with Stainless Steel Housing E3ZM For the most recent information on models that have been certified for safety standards, refer to your OMRON website. Features Withstands Detergent and Disinfectant Spray Superior Protective Structure Shape and Markings Designed for Greater Hygiene We used SUS316L for the case and the best material for all parts to achieve 200 times the durability of the E3Z (in 1.5% solution of sodium hydroxide at 70˚C) to make the E3ZM suitable for the cleaning conditions of food-processing machinery. The first IP69K* (DIN 40050-9) protective structure in the world for a square metal photoelectric sensor. Suitable for high- temperature, high-pressure jet water spray cleaning applications. World's Strong est World's Strong est World's First World's First Industr y's Best Industr y's Best Few indentations in the shape means less dust and water can collect, making the E3ZM more hygienic. No labels have been used in order to prevent foreign matter contaminating food products. The E3ZM model and lot numbers are imprinted using a laser marker. Rear * Refer to the footnote on page 5 (ratings and specifications table). Stainless Steel Housing Ideal for Food Industry • Strong resistance against detergents, disinfectants, and jet liquid flow. • Product lineup includes BGS Reflective Models and Through-beam Models with built-in slits. • Certified by Ecolab Europe. PAT Pending Be sure to read Safety Precautions on page 13. |
Numéro de pièce similaire - E3ZM-R61 2M |
|
Description similaire - E3ZM-R61 2M |