| Moteur de recherche de fiches techniques de composants électroniques |
|
DPB22-R01C Fiches technique(PDF) 24 Page - Hylec-APL Ltd. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
DPB22-R01C Fiches technique(HTML) 24 Page - Hylec-APL Ltd. All rights reserved. |
|
24 / 35 page ![]() 46 MAKING THE RIGHT CONNECTIONS T: +44 (0)1933 234400 F: +44 (0)1933 234411 E: sales@hylec-apl.com W: www.hylec-apl.com 47 Cable Glands IP68 Perfect Nylon Cable Gland With Reducing Insert IP66 Perfect Nylon Cable Gland For Flat Profile Cable Part Code Colour Material Size H (mm) L (mm) ØC (mm) 50.612 PA/R RAL7001 - Silver Grey Nylon PA6 M12 31 8 2-5 50.616 PA/R RAL7001 - Silver Grey Nylon PA6 M16 35,5 8 3-10 50.620 PA/R RAL7001 - Silver Grey Nylon PA6 M20 36 8 5-13 50.625 PA/R RAL7001 - Silver Grey Nylon PA6 M25 43 8 8-17 50.632 PA/R RAL7001 - Silver Grey Nylon PA6 M32 50 10 12-21 50.640 PA/R RAL7001 - Silver Grey Nylon PA6 M40 51 10 16-28 50.650 PA/R RAL7001 - Silver Grey Nylon PA6 M50 61,5 12 21-35 50.663 PA/R RAL7001 - Silver Grey Nylon PA6 M63 65,5 12 27-48 50.612 PA/R7035 RAL7035 - Light Grey Nylon PA6 M12 31 8 2-5 50.616 PA/R7035 RAL7035 - Light Grey Nylon PA6 M16 35,5 8 3-10 50.620 PA/R7035 RAL7035 - Light Grey Nylon PA6 M20 36 8 5-13 50.625 PA/R7035 RAL7035 - Light Grey Nylon PA6 M25 43 8 8-17 50.632 PA/R7035 RAL7035 - Light Grey Nylon PA6 M32 50 10 12-21 50.640 PA/R7035 RAL7035 - Light Grey Nylon PA6 M40 51 10 16-28 50.650 PA/R7035 RAL7035 - Light Grey Nylon PA6 M50 61,5 12 21-35 50.663 PA/R7035 RAL7035 - Light Grey Nylon PA6 M63 65,5 12 27-48 50.612 PA/RSW RAL9005 - Black Nylon PA6 M12 31 8 2-5 50.616 PA/RSW RAL9005 - Black Nylon PA6 M16 35,5 8 3-10 50.620 PA/RSW RAL9005 - Black Nylon PA6 M20 36 8 5-13 50.625 PA/RSW RAL9005 - Black Nylon PA6 M25 43 8 8-17 50.632 PA/RSW RAL9005 - Black Nylon PA6 M32 50 10 12-21 50.640 PA/RSW RAL9005 - Black Nylon PA6 M40 51 10 16-28 50.650 PA/RSW RAL9005 - Black Nylon PA6 M50 61,5 12 21-35 50.663 PA/RSW RAL9005 - Black Nylon PA6 M63 65,5 12 27-48 50.620 PA7035FK1 RAL7035 - Light Grey Nylon PA6 M20 36 8 5x12max, 2x8min 50.625 PA7035FK1 RAL7035 - Light Grey Nylon PA6 M25 43 8 6x16.3max, 2x10min 50.632 PA7035FK1 RAL7035 - Light Grey Nylon PA6 M32 50 10 9x20max, 3x12min 50.640 PA7035FK1 RAL7035 - Light Grey Nylon PA6 M40 51 10 10x27max, 3x19min 50.650 PA7035FK1 RAL7035 - Light Grey Nylon PA6 M50 61,6 12 13x34max, 4x23min 50.663 PA7035FK1 RAL7035 - Light Grey Nylon PA6 M63 65,5 12 15x46max, 6x32min 50.620 PASWFK1 RAL9005 - Black Nylon PA6 M20 36 8 5x12max, 2x8min 50.625 PASWFK1 RAL9005 - Black Nylon PA6 M25 43 8 6x16.3max, 2x10min 50.632 PASWFK1 RAL9005 - Black Nylon PA6 M32 50 10 9x20max, 3x12min 50.640 PASWFK1 RAL9005 - Black Nylon PA6 M40 51 10 10x27max, 3x19min 50.650 PASWFK1 RAL9005 - Black Nylon PA6 M50 61,6 12 13x34max, 4x23min 50.663 PASWFK1 RAL9005 - Black Nylon PA6 M63 65,5 12 15x46max, 6x32min IP68 Nylon Metric Perfect IP68 Perfect Nylon Cable Gland With Spiral Top Cable Protector Part Code Colour Material Size H (mm) L (mm) ØC (mm) 50007M12BSSW RAL9005 - Black Nylon PA6 M12 63,5 8 3-6,5 50011M16BSSW RAL9005 - Black Nylon PA6 M16 94,5 15 5-10 50013M20BSSW RAL9005 - Black Nylon PA6 M20 101,5 11 6-12 50016M20BSSW RAL9005 - Black Nylon PA6 M20 116 15 10-14 50021M25BSSW RAL9005 - Black Nylon PA6 M25 132,5 15 13-18 50007M12PABS RAL7001 - Silver Grey Nylon PA6 M12 63,5 8 3-6,5 50011M16PABS RAL7001 - Silver Grey Nylon PA6 M16 94,5 15 5-10 50013M20PABS RAL7001 - Silver Grey Nylon PA6 M20 101,5 11 6-12 50016M20PABS RAL7001 - Silver Grey Nylon PA6 M20 116 15 10-14 50021M25PABS RAL7001 - Silver Grey Nylon PA6 M25 132,5 15 13-18 50007M12BS7035 RAL7035 - Light Grey Nylon PA6 M12 63,5 8 3-6,5 50011M16BS7035 RAL7035 - Light Grey Nylon PA6 M16 94,5 15 5-10 50013M20BS7035 RAL7035 - Light Grey Nylon PA6 M20 101,5 11 6-12 50016M20BS7035 RAL7035 - Light Grey Nylon PA6 M20 116 15 10-14 50021M25BS7035 RAL7035 - Light Grey Nylon PA6 M25 132,5 15 13-18 |