Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8104095 Fiches technique(PDF) 3 Page - ledxon GmbH

No de pièce 8104095
Description  Downlight DLL1, 35W 2800lm CRI90 2700K-5700K 45° black DALI
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDXON [ledxon GmbH]
Site Internet  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH

8104095 Fiches technique(HTML) 3 Page - ledxon GmbH

  8104095 Datasheet HTML 1Page - ledxon GmbH 8104095 Datasheet HTML 2Page - ledxon GmbH 8104095 Datasheet HTML 3Page - ledxon GmbH 8104095 Datasheet HTML 4Page - ledxon GmbH 8104095 Datasheet HTML 5Page - ledxon GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
8104095
/
Page 3 5
OXOMI
Created on 09/18/2026
Suitable for low voltage cable system
No
Lamp type
LED not exchangeable
Suitable for number of light sources
1
Housing material
Aluminium
Housing colour
Black
Voltage type
AC
Nominal voltage
230 V
No dim function
No
Light distribution
Symmetric
Beam angle
41-80° - Wide beam
Rated lifetime L70/B50 at 25 °C
65,000 h
Degree of protection (IP)
IP20
Degree of protection (NEMA)
Other
Impact strength
IK03
Protection class according to IEC 61140
II
Max. system power
35.00 W
Colour of light
White
Colour temperature
2,700.00 - 5,700.00 K
Colour rendering index CRI
90-100
Luminous flux
2,800.00 lm
Rated luminous flux according to IEC
62722-2-1
2,800 lm
Width
45 mm
Height/depth
50.00 mm
Length
411 mm
Colour consistency (McAdam ellipse)
SDCM3
Unified Glare Ratio (UGR)
12



Html Pages

1 2 3 4 5