| Moteur de recherche de fiches techniques de composants électroniques |
|
SP64/1.2/BROWN Fiches technique(PDF) 5 Page - Pro-Power |
|
|
|||||||||||||||||||||||||||||
SP64/1.2/BROWN Fiches technique(HTML) 5 Page - Pro-Power |
|
5 / 8 page ![]() SP Series Heat Shrink Tubing Page 5 18/04/06 V1.0 Colour Size Minimum Expansion Maximum Recovered Nominal Recovered Wall Part Number Green/Yellow 3.2 (0.125) 3.2 (0.125) 1.6 (0.062) 0.50 (0.019) SP32/1.2/GREEN/YEL 4.8 (0.187) 4.8 (0.187) 2.4 (0.093) SP48/1.2/GREEN/YEL 6.4 (0.250) 6.4 (0.250) 3.2 (0.125) 0.65 (0.026) SP64/1.2/GREEN/YEL 9.5 (0.375) 9.5 (0.375) 4.8 (0.187) SP95/1.2/GREEN/YEL 12.7 (0.500) 12.7 (0.500) 6.4 (0.250) SP127/1.2/GREEN/YEL 19.0 (0.750) 19.1 (0.750) 9.5 (0.375) 0.75 (0.029) SP190/1.2/GREEN/YEL 25.4 (1.000) 25.4 (1.000) 12.7 (0.500) 0.90 (0.035) SP254/1.2/GREEN/YEL White 1.6 (0.063) 1.6 (0.063) 0.8 (0.031) 0.45 (0.018) SP16/1.2/WHITE 2.4 (0.093) 2.4 (0.093) 1.2 (0.046) 0.50 (0.019) SP24/1.2/WHITE 3.2 (0.125) 3.2 (0.125) 1.6 (0.062) SP32/1.2/WHITE 4.8 (0.187) 4.8 (0.187) 2.4 (0.093) 0.50 (0.019) SP48/1.2/WHITE 6.4 (0.250) 6.4 (0.250) 3.2 (0.125) 0.65 (0.026) SP64/1.2/WHITE 9.5 (0.375) 9.5 (0.375) 4.8 (0.187) SP95/1.2/WHITE 12.7 (0.500) 12.7 (0.500) 6.4 (0.250) SP127/1.2/WHITE 19.0 (0.750) 19.1 (0.750) 9.5 (0.375) 0.75 (0.029) SP190/1.2/WHITE 25.4 (1.000) 25.4 (1.000) 12.7 (0.500) 0.90 (0.035) SP254/1.2/WHITE 38.1 (1.500) 38.1 (1.500) 19.1 (0.750) 1.00 (0.039) SP381/1.2/WHITE 50.8 (2.000) 50.8 (2.000) 25.4 (1.000) 1.15 (0.045) SP508/1.2/WHITE Green 1.6 (0.063) 1.6 (0.063) 0.8 (0.031) 0.45 (0.018) SP16/1.2/GREEN 2.4 (0.093) 2.4 (0.093) 1.2 (0.046) 0.50 (0.019) SP24/1.2/GREEN 3.2 (0.125) 3.2 (0.125) 1.6 (0.062) SP32/1.2/GREEN 4.8 (0.187) 4.8 (0.187) 2.4 (0.093) SP48/1.2/GREEN 6.4 (0.250) 6.4 (0.250) 3.2 (0.125) 0.65 (0.026) SP64/1.2/GREEN 9.5 (0.375) 9.5 (0.375) 4.8 (0.187) SP95/1.2/GREEN 12.7 (0.500) 12.7 (0.500) 6.4 (0.250) SP127/1.2/GREEN 19.0 (0.750) 19.1 (0.750) 9.5 (0.375) 0.75 (0.029) SP190/1.2/GREEN 25.4 (1.000) 25.4 (1.000) 12.7 (0.500) 0.90 (0.035) SP254/1.2/GREEN 38.1 (1.500) 38.1 (1.500) 19.1 (0.750) 1.00 (0.039) SP381/1.2/GREEN Brown 1.6 (0.063) 1.6 (0.063) 0.8 (0.031) 0.45 (0.018) SP16/1.2/BROWN 2.4 (0.093) 2.4 (0.093) 1.2 (0.046) 0.50 (0.019) SP24/1.2/BROWN 3.2 (0.125) 3.2 (0.125) 1.6 (0.062) SP32/1.2/BROWN 4.8 (0.187) 4.8 (0.187) 2.4 (0.093) SP48/1.2/BROWN 6.4 (0.250) 6.4 (0.250) 3.2 (0.125) 0.65 (0.026) SP64/1.2/BROWN 9.5 (0.375) 9.5 (0.375) 4.8 (0.187) SP95/1.2/BROWN 12.7 (0.500) 12.7 (0.500) 6.4 (0.250) SP127/1.2/BROWN 19.0 (0.750) 19.1 (0.750) 9.5 (0.375) 0.75 (0.029) SP190/1.2/BROWN Specification Table - 1.2m Lengths Dimensions: Millimetres (Inches) |