| Moteur de recherche de fiches techniques de composants électroniques |
|
SP381/1.2/GREEN Fiches technique(PDF) 4 Page - Pro-Power |
|
|
|||||||||||||||||||||||||||||
SP381/1.2/GREEN Fiches technique(HTML) 4 Page - Pro-Power |
|
4 / 8 page ![]() SP Series Heat Shrink Tubing Page 4 18/04/06 V1.0 Colour Size Minimum Expansion Maximum Recovered Nominal Recovered Wall Part Number Red 1.6 (0.063) 1.6 (0.063) 0.8 (0.031) 0.45 (0.018) SP16/1.2/RED 2.4 (0.093) 2.4 (0.093) 1.2 (0.046) 0.50 (0.019) SP24/1.2/RED 3.2 (0.125) 3.2 (0.125) 1.6 (0.062) SP32/1.2/RED 4.8 (0.187) 4.8 (0.187) 2.4 (0.093) SP48/1.2/RED 6.4 (0.250) 6.4 (0.250) 3.2 (0.125) 0.65 (0.026) SP64/1.2/RED 9.5 (0.375) 9.5 (0.375) 4.8 (0.187) SP95/1.2/RED 12.7 (0.500) 12.7 (0.500) 6.4 (0.250) SP127/1.2/RED 19.0 (0.750) 19.1 (0.750) 9.5 (0.375) 0.75 (0.029) SP190/1.2/RED 25.4 (1.000) 25.4 (1.000) 12.7 (0.500) 0.90 (0.035) SP254/1.2/RED 38.1 (1.500) 38.1 (1.500) 19.1 (0.750) 1.00 (0.039) SP381/1.2/RED 50.8 (2.000) 50.8 (2.000) 25.4 (1.000) 1.15 (0.045) SP508/1.2/RED Yellow 1.6 (0.063) 1.6 (0.063) 0.8 (0.031) 0.45 (0.018) SP16/1.2/YELLOW 2.4 (0.093) 2.4 (0.093) 1.2 (0.046) 0.50 (0.019) SP24/1.2/YELLOW 3.2 (0.125) 3.2 (0.125) 1.6 (0.062) SP32/1.2/YELLOW 4.8 (0.187) 4.8 (0.187) 2.4 (0.093) SP48/1.2/YELLOW 6.4 (0.250) 6.4 (0.250) 3.2 (0.125) 0.65 (0.026) SP64/1.2/YELLOW 9.5 (0.375) 9.5 (0.375) 4.8 (0.187) SP95/1.2/YELLOW 12.7 (0.500) 12.7 (0.500) 6.4 (0.250) SP127/1.2/YELLOW 19.0 (0.750) 19.1 (0.750) 9.5 (0.375) 0.75 (0.029) SP190/1.2/YELLOW 25.4 (1.000) 25.4 (1.000) 12.7 (0.500) 0.90 (0.035) SP254/1.2/YELLOW 38.1 (1.500) 38.1 (1.500) 19.1 (0.750) 1.00 (0.039) SP381/1.2/YELLOW 50.8 (2.000) 50.8 (2.000) 25.4 (1.000) 1.15 (0.045) SP508/1.2/YELLOW Blue 1.6 (0.063) 1.6 (0.063) 0.8 (0.031) 0.45 (0.018) SP16/1.2/BLUE 2.4 (0.093) 2.4 (0.093) 1.2 (0.046) 0.50 (0.019) SP24/1.2/BLUE 3.2 (0.125) 3.2 (0.125) 1.6 (0.062) 0.50 (0.019) SP32/1.2/BLUE 4.8 (0.187) 4.8 (0.187) 2.4 (0.093) SP48/1.2/BLUE 6.4 (0.250) 6.4 (0.250) 3.2 (0.125) 0.65 (0.026) SP64/1.2/BLUE 9.5 (0.375) 9.5 (0.375) 4.8 (0.187) SP95/1.2/BLUE 12.7 (0.500) 12.7 (0.500) 6.4 (0.250) SP127/1.2/BLUE 19.0 (0.750) 19.1 (0.750) 9.5 (0.375) 0.75 (0.029) SP190/1.2/BLUE 25.4 (1.000) 25.4 (1.000) 12.7 (0.500) 0.90 (0.035) SP254/1.2/BLUE 38.1 (1.500) 38.1 (1.500) 19.1 (0.750) 1.00 (0.039) SP381/1.2/BLUE 50.8 (2.000) 50.8 (2.000) 25.4 (1.000) 1.15 (0.045) SP508/1.2/BLUE Specification Table - 1.2m Lengths Dimensions: Millimetres (Inches) |