Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP254/1.2/WHITE Fiches technique(PDF) 7 Page - Pro-Power

No de pièce SP254/1.2/WHITE
Description  SP Series Heat Shrink Tubing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROPOWER [Pro-Power]
Site Internet  
Logo PROPOWER - Pro-Power

SP254/1.2/WHITE Fiches technique(HTML) 7 Page - Pro-Power

  SP254/1.2/WHITE Datasheet HTML 1Page - Pro-Power SP254/1.2/WHITE Datasheet HTML 2Page - Pro-Power SP254/1.2/WHITE Datasheet HTML 3Page - Pro-Power SP254/1.2/WHITE Datasheet HTML 4Page - Pro-Power SP254/1.2/WHITE Datasheet HTML 5Page - Pro-Power SP254/1.2/WHITE Datasheet HTML 6Page - Pro-Power SP254/1.2/WHITE Datasheet HTML 7Page - Pro-Power SP254/1.2/WHITE Datasheet HTML 8Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SP Series
Heat Shrink Tubing
Page 7
18/04/06 V1.0
Colour
Size
Minimum
Expansion
Maximum
Recovered
Nominal
Recovered
Wall
Part Number
Blue
1.6 (0.063)
1.6 (0.063)
0.8 (0.031)
0.45 (0.018)
SP16/5/BLUE
2.4 (0.093)
2.4 (0.093)
1.2 (0.046)
0.50 (0.019)
SP24/5/BLUE
3.2 (0.125)
3.2 (0.125)
1.6 (0.062)
SP32/5/BLUE
4.8 (0.187)
4.8 (0.187)
2.4 (0.093)
SP48/5/BLUE
6.4 (0.250)
6.4 (0.250)
3.2 (0.125)
0.65 (0.026)
SP64/5/BLUE
9.5 (0.375)
9.5 (0.375)
4.8 (0.187)
SP95/5/BLUE
12.7 (0.500)
12.7 (0.500)
6.4 (0.250)
SP127/5/BLUE
19.0 (0.750)
19.1 (0.750)
9.5 (0.375)
0.75 (0.029)
SP190/5/BLUE
25.4 (1.000)
25.4 (1.000)
12.7 (0.500)
0.90 (0.035)
SP254/5/BLUE
38.1 (1.500)
38.1 (1.500)
19.1 (0.750)
1.00 (0.039)
SP381/5/BLUE
White
1.6 (0.063)
1.6 (0.063)
0.8 (0.031)
0.45 (0.018)
SP16/5/WHITE
2.4 (0.093)
2.4 (0.093)
1.2 (0.046)
0.50 (0.019)
SP24/5/WHITE
3.2 (0.125)
3.2 (0.125)
1.6 (0.062)
SP32/5/WHITE
4.8 (0.187)
4.8 (0.187)
2.4 (0.093)
SP48/5/WHITE
6.4 (0.250)
6.4 (0.250)
3.2 (0.125)
0.65 (0.026)
SP64/5/WHITE
9.5 (0.375)
9.5 (0.375)
4.8 (0.187)
SP95/5/WHITE
12.7 (0.500)
12.7 (0.500)
6.4 (0.250)
SP127/5/WHITE
19.0 (0.750)
19.1 (0.750)
9.5 (0.375)
0.75 (0.029)
SP190/5/WHITE
Green
1.6 (0.063)
1.6 (0.063)
0.8 (0.031)
0.45 (0.018)
SP16/5/GREEN
2.4 (0.093)
2.4 (0.093)
1.2 (0.046)
0.50 (0.019)
SP24/5/GREEN
3.2 (0.125)
3.2 (0.125)
1.6 (0.062)
SP32/5/GREEN
4.8 (0.187)
4.8 (0.187)
2.4 (0.093)
SP48/5/GREEN
6.4 (0.250)
6.4 (0.250)
3.2 (0.125)
0.65 (0.026)
SP64/5/GREEN
9.5 (0.375)
9.5 (0.375)
4.8 (0.187)
SP95/5/GREEN
12.7 (0.500)
12.7 (0.500)
6.4 (0.250)
SP127/5/GREEN
Green/Yellow
3.2 (0.125)
3.2 (0.125)
1.6 (0.062)
0.50 (0.019)
SP32/5/GREEN/YEL
4.8 (0.187)
4.8 (0.187)
2.4 (0.093)
SP48/5/GREEN/YEL
6.4 (0.250)
6.4 (0.250)
3.2 (0.125)
0.65 (0.026)
SP64/5/GREEN/YEL
9.5 (0.375)
9.5 (0.375)
4.8 (0.187)
SP95/5/GREEN/YEL
12.7 (0.500)
12.7 (0.500)
6.4 (0.250)
SP127/5/GREEN/YEL
19.0 (0.750)
19.1 (0.750)
9.5 (0.375)
0.75 (0.029)
SP190/5/GREEN/YEL
25.4 (1.000)
25.4 (1.000)
12.7 (0.500)
0.90 (0.035)
SP254/5/GREEN/YEL
Specification Table - 5m Coils
Dimensions: Millimetres (Inches)



Html Pages

1 2 3 4 5 6 7 8