Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SP16/1.2/WHITE Fiches technique(PDF) 3 Page - Pro-Power

No de pièce SP16/1.2/WHITE
Description  SP Series Heat Shrink Tubing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROPOWER [Pro-Power]
Site Internet  
Logo PROPOWER - Pro-Power

SP16/1.2/WHITE Fiches technique(HTML) 3 Page - Pro-Power

  SP16/1.2/WHITE Datasheet HTML 1Page - Pro-Power SP16/1.2/WHITE Datasheet HTML 2Page - Pro-Power SP16/1.2/WHITE Datasheet HTML 3Page - Pro-Power SP16/1.2/WHITE Datasheet HTML 4Page - Pro-Power SP16/1.2/WHITE Datasheet HTML 5Page - Pro-Power SP16/1.2/WHITE Datasheet HTML 6Page - Pro-Power SP16/1.2/WHITE Datasheet HTML 7Page - Pro-Power SP16/1.2/WHITE Datasheet HTML 8Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SP Series
Heat Shrink Tubing
Page 3
18/04/06 V1.0
Specification Table - Reels
Colour
Size
Minimum
Expansion
Maximum
Recovered
Nominal
Recovered
Wall
Part Number
Black
1.6 (0.063)
1.6 (0.063)
0.8 (0.031)
0.45 (0.018)
SP16/RL/BLACK
2.4 (0.093)
2.4 (0.093)
1.2 (0.046)
0.50 (0.019)
SP24/RL/BLACK
3.2 (0.125)
3.2 (0.125)
1.6 (0.062)
SP32/RL/BLACK
6.4 (0.250)
6.4 (0.250)
3.2 (0.125)
0.65 (0.026)
SP64/RL/BLACK
9.5 (0.375)
9.5 (0.375)
4.8 (0.187)
SP95/RL/BLACK
12.7 (0.500)
12.7 (0.500)
6.4 (0.250)
SP127/RL/BLACK
19.0 (0.750)
19.1 (0.750)
9.5 (0.375)
0.75 (0.029)
SP190/RL/BLACK
38.1 (1.500)
38.1 (1.500)
19.1 (0.750)
1.00 (0.039)
SP381/RL/BLACK
50.8 (2.000)
50.8 (2.000)
25.4 (1.000)
1.15 (0.045)
SP508/RL/BLACK
Specification Table - 1.2m Lengths
Colour
Size
Minimum
Expansion
Maximum
Recovered
Nominal
Recovered
Wall
Part Number
Black
1.6 (0.063)
1.6 (0.063)
0.8 (0.031)
0.45 (0.018)
SP16/1.2/BLACK
2.4 (0.093)
2.4 (0.093)
1.2 (0.046)
0.50 (0.019)
SP24/1.2/BLACK
3.2 (0.125)
3.2 (0.125)
1.6 (0.062)
SP32/1.2/BLACK
4.8 (0.187)
4.8 (0.187)
2.4 (0.093)
SP48/1.2BLACK
6.4 (0.250)
6.4 (0.250)
3.2 (0.125)
0.65 (0.026)
SP64/1.2BLACK
9.5 (0.375)
9.5 (0.375)
4.8 (0.187)
SP95/1.2/BLACK
12.7 (0.500)
12.7 (0.500)
6.4 (0.250)
SP127/1.2/BLACK
19.0 (0.750)
19.1 (0.750)
9.5 (0.375)
0.75 (0.029)
SP190/1.2/BLACK
25.4 (1.000)
25.4 (1.000)
12.7 (0.500)
0.90 (0.035)
SP254/1.2/BLACK
38.1 (1.500)
38.1 (1.500)
19.1 (0.750)
1.00 (0.039)
SP381/1.2/BLACK
50.8 (2.000)
50.8 (2.000)
25.4 (1.000)
1.15 (0.045)
SP508/1.2/BLACK
Clear
1.6 (0.063)
1.6 (0.063)
0.8 (0.031)
0.45 (0.018)
SP16/1.2/CLEAR
2.4 (0.093)
2.4 (0.093)
1.2 (0.046)
0.50 (0.019)
SP24/1.2/CLEAR
3.2 (0.125)
3.2 (0.125)
1.6 (0.062)
SP32/1.2/CLR
4.8 (0.187)
4.8 (0.187)
2.4 (0.093)
SP48/1.2/CLEAR
6.4 (0.250)
6.4 (0.250)
3.2 (0.125)
0.65 (0.026)
SP64/1.2/CLEAR
9.5 (0.375)
9.5 (0.375)
4.8 (0.187)
SP95/1.2/CLEAR
12.7 (0.500)
12.7 (0.500)
6.4 (0.250)
SP127/1.2/CLEAR
19.0 (0.750)
19.1 (0.750)
9.5 (0.375)
0.75 (0.029)
SP190/1.2/CLEAR
25.4 (1.000)
25.4 (1.000)
12.7 (0.500)
0.90 (0.035)
SP254/1.2/CLEAR
38.1 (1.500)
38.1 (1.500)
19.1 (0.750)
1.00 (0.039)
SP381/1.2/CLEAR
50.8 (2.000)
50.8 (2.000)
25.4 (1.000)
1.15 (0.045)
SP508/1.2/CLEAR
Dimensions: Millimetres (Inches)
Dimensions: Millimetres (Inches)



Html Pages

1 2 3 4 5 6 7 8