| Moteur de recherche de fiches techniques de composants électroniques |
|
15134 Fiches technique(PDF) 2 Page - Pro-Power |
|
|
|||||||||||||||||||||||||||||
15134 Fiches technique(HTML) 2 Page - Pro-Power |
|
2 / 3 page ![]() Page <2> V1.0 29/11/19 2:1 Polyolefin Heat Shrink Tubing Newark.com/multicomp-pro Farnell.com/multicomp-pro Element14.com/multicomp-pro Size As supplied After Recovery(mm) Inch mm Internal diameter (mm) Wall thickness (mm) Internal diameter Max(mm) Wall thickness (mm) 3/64 1.2 1.1±0.2 0.18±0.05 0.50 0.33+/-0.10 1/16 1.6 1.5±0.2 0.20±0.05 0.65 0.36+/-0.10 3/32 2.4 2.5±0.2 0.20±0.05 1.00 0.45+/-0.10 1/8 3.2 3.5±0.2 0.20±0.05 1.50 0.45+/-0.10 3/16 4.8 5.0±0.2 0.28±0.05 2.30 0.56+/-0.10 1/4 6.4 6.5±0.2 0.28±0.05 3.0 0.56+/-0.10 5/16 7.9 8.5±0.3 0.30±0.08 4.0 0.56+/-0.10 3/8 9.5 9.5±0.3 0.30±0.08 4.5 0.56+/-0.10 1/2 12.7 12.5±0.3 0.30±0.08 6.0 0.56+/-0.10 5/8 15.9 16.5±0.4 0.35±0.10 8.0 0.70+/-0.10 3/4 19.0 19.0±0.5 0.35±0.10 9.0 0.70+/-0.10 1 25.4 26.0±0.5 0.45±0.12 12.5 0.90+/-0.15 1-1/4 31.7 31.5±1.0 0.45±0.12 15.0 1.00+/-0.15 1-1/2 38.1 41.5±1.0 0.50±0.12 20.0 1.00+/-0.15 2 50.8 ≥50 0.50±0.15 25.0 1.10+/-0.20 3 76.2 ≥80 0.65±0.20 40.0 1.46+/-0.20 4 101.6 ≥100 0.65±0.20 50.0 1.46+/-0.20 5 127 ≥120 0.65±0.20 60.0 1.46+/-0.20 6 152.4 ≥150 0.65±0.20 75.0 1.46+/-0.20 7 177.8 ≥180 0.65±0.20 90.0 1.46+/-0.20 |