| Moteur de recherche de fiches techniques de composants électroniques |
|
SBPH400-3 Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SBPH400-3 Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 43 page ![]() SBPH400-3 31/43 timing parameters are given in Table 2.21, and the signal relationships are illustrated in Figure 2.17 and Figure 2.18. Figure 2.17 PHY-Link reset timing Figure 2.18 PHY-Link disable timing Table 2.21 PHY/Link interface reset and disable timing parameters Symbol Parameter Unit Min Typ Max TLPS_RESET Time for SBPH400 to recognize LPS logically deasserted and reset the interface µs 1.2 2.75 TLPS_DIS Time for SBPH400 to recognize LPS logically deasserted and disable the interface µs25 30 TRESTORE Time to permit the optional differentiator and isolation circuits to restore during an interface reset µs15 20 SCLK LPS LPS (isolated) CTL DATA LREQ TLPS_RESET TRESTORE SCLK LPS LPS (isolated) CTL DATA LREQ TLPS_DISABLE TRESTORE 2 |