Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RIVA128ZX Fiches technique(PDF) 54 Page - STMicroelectronics

No de pièce RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Fiches technique(HTML) 54 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 50Page - STMicroelectronics RIVA128ZX Datasheet HTML 51Page - STMicroelectronics RIVA128ZX Datasheet HTML 52Page - STMicroelectronics RIVA128ZX Datasheet HTML 53Page - STMicroelectronics RIVA128ZX Datasheet HTML 54Page - STMicroelectronics RIVA128ZX Datasheet HTML 55Page - STMicroelectronics RIVA128ZX Datasheet HTML 56Page - STMicroelectronics RIVA128ZX Datasheet HTML 57Page - STMicroelectronics RIVA128ZX Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
54/85
Table 18.
ROM interface timing parameters
NOTE
1TMCLK is the period of the internal memory clock.
2
This parameter is programmable in the range 0 - 3 MCLK cycles
3
This parameter is programmable in the range 0 - 15 MCLK cycles
Symbol
Parameter
Min.
Max.
Unit
Notes
tBRCS
ROMCS# active pulse width
20TMCLK-5
ns
tBRCA
ROMCS# precharge time
TMCLK-5
ns
tBRV
Read valid to ROMCS# active
TMCLK-5
ns
tBRH
Read hold from ROMCS# inactive
TMCLK-5
ns
tBAS
Address setup to ROMCS# active
TMCLK-5
ns
tBAH
Address hold from ROMCS# inactive
TMCLK-5
ns
tBOS
OE# low from ROMCS# active
ns
2
tBOH
OE# low to ROMCS# inactive
ns
3
tBWS
WE# low from ROMCS# active
ns
2
tBWL
WE# low time
ns
3
tBDBZ
Data bus high-z to ROMCS# active
TMCLK-5
ns
tBDS
Data setup to ROMCS# inactive
10
ns
tBDH
Data hold from ROMCS# inactive
0
ns
tBDZ
Data high-z from ROMCS# inactive
TMCLK-5
ns
tBWDH
Write data hold from ROMCS# inactive
0.5TMCLK-5
ns
tBWDS
ROM write data setup to ROMCS# active
TMCLK-5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85