| Moteur de recherche de fiches techniques de composants électroniques |
|
RIVA128 Fiches technique(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RIVA128 Fiches technique(HTML) 44 Page - STMicroelectronics |
|
44 / 77 page ![]() 128-BIT 3D MULTIMEDIA ACCELERATOR RIVA 128 44/77 Figure 50. UCD read cycle, terminated by slave, throttled by slave Figure 51. UCD read cycle, slave termination after MPFRAME# deasserted, data taken Figure 52. UCD read cycle, slave termination after MPFRAME# deasserted, data not taken Figure 53. UCD read cycle, slave termination after MPFRAME# deasserted, data taken A0 XXX D1 D2 D0 MPCLK MPDTACK# MPSTOP# MPFRAME# MP_AD[7:0] A0 D1 D2 D3 D0 MPCLK MPFRAME# MP_AD[7:0] MPDTACK# MPSTOP# A0 D1 D2 D3 D0 MPCLK MPFRAME# MP_AD[7:0] MPDTACK# MPSTOP# A0 D1 D2 D0 MPCLK MPFRAME# MP_AD[7:0] MPDTACK# MPSTOP# |