Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSD913F1 Fiches technique(PDF) 87 Page - STMicroelectronics

No de pièce PSD913F1
Description  Flash In-System Programmable ISP Peripherals For 8-bit MCUs
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD913F1 Fiches technique(HTML) 87 Page - STMicroelectronics

Back Button PSD913F1 Datasheet HTML 83Page - STMicroelectronics PSD913F1 Datasheet HTML 84Page - STMicroelectronics PSD913F1 Datasheet HTML 85Page - STMicroelectronics PSD913F1 Datasheet HTML 86Page - STMicroelectronics PSD913F1 Datasheet HTML 87Page - STMicroelectronics PSD913F1 Datasheet HTML 88Page - STMicroelectronics PSD913F1 Datasheet HTML 89Page - STMicroelectronics PSD913F1 Datasheet HTML 90Page - STMicroelectronics PSD913F1 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 94 page
background image
Pin No.
Pin Assignments
Pin No.
Pin Assignments
1
PD2
27
AD4
2
PD1
28
AD5
3
PD0
29
AD6
4
PC7
30
AD7
5
PC6
31
VCC
6
PC5
32
AD8
7
PC4
33
AD9
8
VCC
34
AD10
9
GND
35
AD11
10
PC3
36
AD12
11
PC2
37
AD13
12
PC1
38
AD14
13
PC0
39
AD15
14
PA7
40
CNTL0
15
PA6
41
RESET
16
PA5
42
CNTL2
17
PA4
43
CNTL1
18
PA3
44
PB7
19
GND
45
PB6
20
PA2
46
GND
21
PA1
47
PB5
22
PA0
48
PB4
23
AD0
49
PB3
24
AD1
50
PB2
25
AD2
51
PB1
26
AD3
52
PB0
Preliminary Information
PSD9XX Family
83
PSD9XX
Pin
Assignments
(cont.)
52-Pin Plastic Quad Flatpack (PQFP) (Package Type M)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94