Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC852T Fiches technique(PDF) 74 Page - Freescale Semiconductor, Inc

No de pièce MPC852T
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852T Fiches technique(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPC852T Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC852T Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
MPC852T PowerQUICC™ Hardware Specifications, Rev. 4
74
Freescale Semiconductor
Mechanical Data and Ordering Information
VSSSYN1
R4
PLL analog GND
VDDSYN
R3
PLL analog VDD
GND
H7, H8, H9, H10, H11, H12, J7, J8, J9, J10, J11, J12, K7, K8, K9,
K10, K11, K12, L7, L8, L9, L10, L11, L12
Power
VDDL
B8, D2, E17, H16, M5, N3, T2, N16, U9
Power
VDDH
G6, G7, G8, G9, G10, G11, G12, G13, H6, H13, J6, J13, K6, K13,
L6, L13, M6, M7, M8, M9, M10, M11, M12, M13
Power
N/C
B2, B17, C17, D16, E15, F13, M14, N5, R16, T17, U2, U17
No connect
Table 31. Pin Assignments—Non-JEDEC (continued)
Name
Pin Number
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80