Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

133-5113 Fiches technique(PDF) 1 Page - Pro-Signal

No de pièce 133-5113
Description  Telephone Extension Leads
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROSIGNAL [Pro-Signal]
Site Internet  
Logo PROSIGNAL - Pro-Signal

133-5113 Fiches technique(HTML) 1 Page - Pro-Signal

  133-5113 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Description
Order Code
4 Way (431A)
3m
133-5111
5m
133-5112
10m
133-5113
15m
133-5114
20m
133-5115
6 Way (631A)
3m
133-5116
5m
133-5117
10m
133-5118
15m
133-5119
20m
133-5120
Telephone Extension Leads
Ì BT style plug to socket extension leads
Ì 4 and 6 way available
Ì Supplied in a variety of lengths
Ì Available in White
Ì Manufactured using flat cable
416012.409086


Numéro de pièce similaire - 133-5113

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
133-5113 ETC-133-5113 Datasheet
28Kb / 1P
Telephone Extension Leads
logo
Pro-Signal
133-5113 PROSIGNAL-133-5113 Datasheet
28Kb / 1P
Telephone Extension Leads
More results

Description similaire - 133-5113

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA_07 Datasheet
130Kb / 5P
Cordless Telephone
01-Oct-2007
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
Cordless Telephone
01-Oct-2007
logo
List of Unclassifed Man...
9148 ETC1-9148 Datasheet
44Kb / 1P
Extension Sockets
30-9514 ETC2-30-9514 Datasheet
269Kb / 1P
TELEPHONE CORD
logo
Adam Technologies, Inc.
MTJ-64HX1 ADAM-TECH-MTJ-64HX1 Datasheet
131Kb / 1P
TELEPHONE JACK
logo
ARTSCHIP ELECTRONICS CO...
KA2411 ARTSCHIP-KA2411 Datasheet
336Kb / 7P
Telephone
logo
Festo Corporation.
538436 FESTO-538436 Datasheet
85Kb / 1P
Muffler extension
logo
Pepperl+Fuchs Inc.
UDB-CABLE-1M PF-UDB-CABLE-1M Datasheet
464Kb / 1P
Extension cable
logo
List of Unclassifed Man...
U-174-U ETC1-U-174-U Datasheet
148Kb / 1P
TELEPHONE PLUG
C
logo
Pepperl+Fuchs Inc.
LB9025BP08100.1 PF-LB9025BP08100.1 Datasheet
689Kb / 2P
Extension Backplane
2021-12-01
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com