Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSD4XX Fiches technique(PDF) 76 Page - STMicroelectronics

No de pièce PSD4XX
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4XX Fiches technique(HTML) 76 Page - STMicroelectronics

Back Button PSD4XX Datasheet HTML 72Page - STMicroelectronics PSD4XX Datasheet HTML 73Page - STMicroelectronics PSD4XX Datasheet HTML 74Page - STMicroelectronics PSD4XX Datasheet HTML 75Page - STMicroelectronics PSD4XX Datasheet HTML 76Page - STMicroelectronics PSD4XX Datasheet HTML 77Page - STMicroelectronics PSD4XX Datasheet HTML 78Page - STMicroelectronics PSD4XX Datasheet HTML 79Page - STMicroelectronics PSD4XX Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 123 page
background image
PSD4XX Family
73
12.0
System
Configuration
Table 21. Register Address Offset
Table 21a. Register Address Offset
(For 16-bit Motorola Microcontrollers in 16-bit mode. Use Table 21 if 8-bit mode is selected.)
Register
Address
Register
Address
Name
Offset
Name
Offset
PAGE REGISTER
E1
VM
C1
PMMR1
B0
PMMR0
B1
The CSIOP signal, which is generated by the DPLD, selects the internal I/O devices or
registers. The CSIOP signal takes up 256 bytes of address space and is defined by the
user in the PSDSoft Software. The following is an address offset map for the various
devices relative to the CSIOP base address.
Some Motorola 16-bit microcontrollers have a different data bus/data byte orientation. This
requires a different address offset for the internal PSD4XX I/O devices or registers. Tables
21a and 22a in this section are for this group of microcontrollers which include the
M68HC16, M68302 and M683XX.
Register
Address
Register
Address
Name
Offset
Name
Offset
PAGE REGISTER
E0
VM
C0
PMMR1
B1
PMMR0
B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More