Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7008207 Fiches technique(PDF) 2 Page - ledxon GmbH

No de pièce 7008207
Description  Recessed luminaire OTL, 1,5W 80lm CRI80 3000K 100° Aluminum round
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDXON [ledxon GmbH]
Site Internet  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH

7008207 Fiches technique(HTML) 2 Page - ledxon GmbH

  7008207 Datasheet HTML 1Page - ledxon GmbH 7008207 Datasheet HTML 2Page - ledxon GmbH 7008207 Datasheet HTML 3Page - ledxon GmbH 7008207 Datasheet HTML 4Page - ledxon GmbH 7008207 Datasheet HTML 5Page - ledxon GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
7008207
/
Page 2 5
OXOMI
Created on 09/14/2026
ITEM DETAILS
CHARACTERISTICS
COMMERCIAL DATA
Discount group
EFGH
DIMENSIONS (PRODUCT INCL. BASIC PACKAGING)
Length
86 mm
Width
86 mm
Height
48 mm
Diameter
86 mm
Volume
355.008 cm³ (0.36 l)
Weight
0.085 kg
FEATURES
Product group
Orientation luminaire (EC000481)
Exchangeable control gear
No
Lamp type
LED not exchangeable
Suitable for number of light sources
1
Housing material
Plastic
Housing colour
Aluminium
With built-in installation box
No
Voltage type
AC
Nominal voltage
230 V
No dim function
Yes
Light distribution
Asymmetric
Rated lifetime L70/B50 at 25 °C
40,000 h
EDOS orientation light with through-wiring for installation in flush-mounted boxes. Easy
mounting with magnetic bezel in round or square.



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com