| Moteur de recherche de fiches techniques de composants électroniques |
|
PSD211R Fiches technique(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD211R Fiches technique(HTML) 44 Page - STMicroelectronics |
|
44 / 51 page ![]() PSD211R Family 41 39 A15 38 A14 37 A13 36 A12 35 A11 34 GND 33 A10 32 A9 31 A8 30 AD7/A7 29 AD6/A6 PB4 7 PB3 8 PB2 9 PB1 10 PB0 11 GND 12 ALE or AS 13 PA7 14 PA6 15 PA5 16 PA4 17 (TOP VIEW) 20.0 Package Information Figure 24. Drawing L4 – 44 Pin Ceramic Leaded Chip Carrier (CLDCC) with Window (Package Type L) OR Drawing J2 – 44 Pin Plastic Leaded Chip Carrier (PLDCC) without Window (Package Type J) PB4 PB3 PB2 PB1 PB0 GND ALE or AS PA7 PA6 PA5 PA4 A15 A14 A13 A12 A11 GND A10 A9 A8 AD7/A7 AD6/A6 1 2 3 4 5 6 7 8 9 10 11 33 32 31 30 29 28 27 26 25 24 23 (TOP VIEW) Figure 25. Drawing M1 – 44 Pin Plastic Quad Flatpack (PQFP) (Package Type M) |