Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7008232 Fiches technique(PDF) 2 Page - ledxon GmbH

No de pièce 7008232
Description  Recessed spotlight swivelable square, 6W 610lm CRI80 3000K 40° Chrom
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDXON [ledxon GmbH]
Site Internet  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH

7008232 Fiches technique(HTML) 2 Page - ledxon GmbH

  7008232 Datasheet HTML 1Page - ledxon GmbH 7008232 Datasheet HTML 2Page - ledxon GmbH 7008232 Datasheet HTML 3Page - ledxon GmbH 7008232 Datasheet HTML 4Page - ledxon GmbH 7008232 Datasheet HTML 5Page - ledxon GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
7008232
/
Page 2 5
OXOMI
Created on 09/14/2026
ITEM DETAILS
CHARACTERISTICS
COMMERCIAL DATA
Discount group
EFGH
DIMENSIONS (PRODUCT INCL. BASIC PACKAGING)
Length
85 mm
Width
85 mm
Height
33 mm
Volume
238.425 cm³ (0.24 l)
Weight
0.207 kg
FEATURES
Product group
Downlight/spot/floodlight (EC001744)
Suitable for wall mounting
No
Exchangeable control gear
No
Dimming DALI-2
No
Suitable for traverse mounting
No
Suitable for pedestal/floor mounting
No
Suitable for light-track mounting
No
Suitable for clamp-mounting
No
Suitable for low voltage cable system
No
Adjustability
Swivelling
Lamp type
LED not exchangeable
Suitable for number of light sources
1
Housing colour
Chrome
Recessed aluminum spotlight with a 25° swivel angle. Power supply unit for 3x1.5qmm
NYM cable for tool-free mounting.



Html Pages

1 2 3 4 5