Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A22NZ-RMM-TAA Fiches technique(PDF) 21 Page - Omron Electronics LLC

No de pièce A22NZ-RMM-TAA
Description  Pushbutton Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22NZ-RMM-TAA Fiches technique(HTML) 21 Page - Omron Electronics LLC

Back Button A22NZ-RMM-TAA Datasheet HTML 17Page - Omron Electronics LLC A22NZ-RMM-TAA Datasheet HTML 18Page - Omron Electronics LLC A22NZ-RMM-TAA Datasheet HTML 19Page - Omron Electronics LLC A22NZ-RMM-TAA Datasheet HTML 20Page - Omron Electronics LLC A22NZ-RMM-TAA Datasheet HTML 21Page - Omron Electronics LLC A22NZ-RMM-TAA Datasheet HTML 22Page - Omron Electronics LLC A22NZ-RMM-TAA Datasheet HTML 23Page - Omron Electronics LLC A22NZ-RMM-TAA Datasheet HTML 24Page - Omron Electronics LLC A22NZ-RMM-TAA Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
A22NN/A22NL
21
Dimensions
(Unit: mm)
Dimensions of Accessories
2.5
107.5
28 dia.
2.8
3-dia. hole
Tightening Wrench
A22NZ-A-301
14 dia.
59
10 dia.
LED Extractor
A22NZ-A-302
14 16
8 dia.
30
50 dia.
133
29 dia.
3.50
7
25 dia.
Protective Cover
A22NZ-A303
Plastic Hole Plug
A22NZ-A-401
25.5 dia.
20 dia.
25.5 dia.
15
Metal Hole Plug
A22NZ-A-402
29 dia.
22 dia.
2.5
1.5
Rubber seal
Lock Ring
A22NZ-A-403
22.3 dia.
Four, M4 Phillips
binding screws
Two, 21.4-dia
side lead holes
Cover (yellow)
Case (black)
Two, 14-dia.
bottom lead holes
Four, 3.7-dia,
M4-tapped holes
Two, 4.4-dia
oval mounting holes
80
80
3.2
3.2
24.2
24.2
18.5
38
59.9
40
10
10
62
40
5.4
Control Box
A22NZ-A-B01Y
1.8
1
29
29
Lock Ring
A22NZ-A-50501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30