Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS557-01 Fiches technique(PDF) 8 Page - Renesas Technology Corp

No de pièce ICS557-01
Description  PCI-EXPRESS GEN1 CLOCK SOURCE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS557-01 Fiches technique(HTML) 8 Page - Renesas Technology Corp

Back Button ICS557-01 Datasheet HTML 3Page - Renesas Technology Corp ICS557-01 Datasheet HTML 4Page - Renesas Technology Corp ICS557-01 Datasheet HTML 5Page - Renesas Technology Corp ICS557-01 Datasheet HTML 6Page - Renesas Technology Corp ICS557-01 Datasheet HTML 7Page - Renesas Technology Corp ICS557-01 Datasheet HTML 8Page - Renesas Technology Corp ICS557-01 Datasheet HTML 9Page - Renesas Technology Corp ICS557-01 Datasheet HTML 10Page - Renesas Technology Corp ICS557-01 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ICS557-01
PCI-EXPRESS GEN1 CLOCK SOURCE
PCIE
IDT® PCI-EXPRESS GEN1 CLOCK SOURCE
8
ICS557-01
REV P 072512
Marking Diagram (ICS557M-01LF)
Marking Diagram (ICS557MI-01LF)
Notes:
1. “LOT” is the lot code.
2. YYWW is the last two digits of the year, and the week number that the part was assembled.
3. “L” or “LF” designates Pb (lead) free packaging.
4. “I” denotes industrial temperature.
5. Bottom marking: (origin). Origin = country of origin if not USA.
4
85
557M01LF
LOT
YYWW
1
4
85
557MI01L
LOT
YYWW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11