| Moteur de recherche de fiches techniques de composants électroniques |
|
A22NZ-RMM-UGA Fiches technique(PDF) 25 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22NZ-RMM-UGA Fiches technique(HTML) 25 Page - Omron Electronics LLC |
|
25 / 30 page ![]() A22NN/A22NL 25 Removing the Mounting Collar • Press the lock lever in from the back side to release the lock, and then hook the Mounting Collar with a screwdriver, move it in the direction indicated at (2), and remove it. Turn the lever all of the way until it clicks into place. Contact Block Attaching the Contact Block • Catch the projection on the opposite side of the Mounting Collar from the lever side and press the Contact Block in the direction indicated at (1). Removing the Contact Block • Insert a screwdriver into the gap between the Mounting Collar and Contact Block and press it inward in the direction shown at (2). Attaching the Reinforcement Plate • To link Contact Blocks together, attach a Reinforcement Plate in the direction shown in the following figure. To remove the Plate, insert a screwdriver in the direction indicated at (1) and rotate it in the direction indicated at (2). Engraving • Engrave legends on the Legend Plates. Do so with the straight part of the Legend Plate positioned on the right and left. • The characters must be engraved no deeper than 0.5 mm. Use an alcohol-based paint, such as a melamine, phthalic acid, or acrylic resin based paint. (2) (3) (1) (1) Projected, Full-guard, or Mushroom Switches Flat Switches (2) (3) (1) (2) (1) 15.4 dia. 17.7 dia. |