| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1541-BTST Fiches technique(PDF) 13 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1541-BTST Fiches technique(HTML) 13 Page - ams AG |
|
13 / 20 page ![]() www.austriamicrosystems.com Revision 1.02 13 - 20 AS1539/AS1541 Data Sheet - D e t a i l e d D e s c r i p t i o n Where: SD: Single-Ended/Differential Inputs 0: Differential Inputs 1: Single-Ended Inputs C2, C1, C0: Channel Selections PD1, PD0: Power-Down Selection X: Unused Powerdown Selection Powerdown modes for the AS1539/AS1541 are selected by setting bits PD0 and PD1 of a command byte (see Com- mand Byte on page 12). Channel Selection Channel selection for the AS1539/AS1541 is made using a command byte (see Command Byte on page 12). Table 5. Powerdown Mode Bit Settings PD1 PD0 Description 0 0 Powerdown between A/D converter conversions. 0 1 Internal reference off and A/D converter on. 1 0 Internal reference on and A/D converter off. 1 1 Internal reference on and A/D converter on. Table 6. Channel Selection Bit Settings 1 1. For the 4-channel AS1541 only combinations of CH0:CH3 applies. SD C2 C1 C0 CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 COM 0000 +IN –IN ------- 0001 - - +IN –IN ----- 0 0 1 0 - - - - +IN –IN - - - 0 0 1 1 - - - - - - +IN –IN - 0100 –IN +IN ------- 0101 - - –IN +IN ----- 0 1 1 0 - - - - –IN +IN - - - 0 1 1 1 - - - - - - –IN +IN - 1000 +IN ------- –IN 1001 - - +IN ----- –IN 1 0 1 0 - - - - +IN - - - –IN 1 0 1 1 - - - - - - +IN - –IN 1100 - +IN ------ –IN 1101 - - - +IN ---- –IN 1 1 1 0 - - - - - +IN - - –IN 1 1 1 1 - - - - - - - +IN –IN |