Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1539 Fiches technique(PDF) 19 Page - ams AG

No de pièce AS1539
Description  8/4-Channel, 10-Bit I짼C Analog-to-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1539 Fiches technique(HTML) 19 Page - ams AG

Back Button AS1539 Datasheet HTML 12Page - ams AG AS1539 Datasheet HTML 13Page - ams AG AS1539 Datasheet HTML 14Page - ams AG AS1539 Datasheet HTML 15Page - ams AG AS1539 Datasheet HTML 16Page - ams AG AS1539 Datasheet HTML 17Page - ams AG AS1539 Datasheet HTML 18Page - ams AG AS1539 Datasheet HTML 19Page - ams AG AS1539 Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
www.austriamicrosystems.com
Revision 1.02
19 - 20
AS1539/AS1541
Data Sheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The device is available as the standard products shown in Table 7.
Table 7. Ordering Information
Model
Marking
Description
Delivery Form
Package
AS1539-BTST
AS1538
8-Channel, 10-Bit I²C Analog-to-Digital Converter
Tape and Reel
TSSOP-16
AS1539-BTSU
AS1538
8-Channel, 10-Bit I²C Analog-to-Digital Converter
Tubes
TSSOP-16
AS1541-BTST
AS1540
4-Channel, 10-Bit I²C Analog-to-Digital Converter
Tape and Reel
TQFN 4x4
16-pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20