Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LRI2K Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce LRI2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and kill code, ISO 15693 and ISO 18000-3 Mode 1 compliant
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI2K Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button LRI2K Datasheet HTML 5Page - STMicroelectronics LRI2K Datasheet HTML 6Page - STMicroelectronics LRI2K Datasheet HTML 7Page - STMicroelectronics LRI2K Datasheet HTML 8Page - STMicroelectronics LRI2K Datasheet HTML 9Page - STMicroelectronics LRI2K Datasheet HTML 10Page - STMicroelectronics LRI2K Datasheet HTML 11Page - STMicroelectronics LRI2K Datasheet HTML 12Page - STMicroelectronics LRI2K Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 89 page
background image
LRI2K
List of figures
9/89
Figure 49.
Lock AFI frame exchange between VCD and LRI2K . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
Figure 50.
Write DSFID frame exchange between VCD and LRI2K . . . . . . . . . . . . . . . . . . . . . . . . . . 59
Figure 51.
Lock DSFID frame exchange between VCD and LRI2K . . . . . . . . . . . . . . . . . . . . . . . . . . 60
Figure 52.
Get System Info frame exchange between VCD and LRI2K . . . . . . . . . . . . . . . . . . . . . . . 61
Figure 53.
Get Multiple Block Security Status frame exchange between VCD and LRI2K . . . . . . . . . 63
Figure 54.
Kill frame exchange between VCD and LRI2K . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
Figure 55.
Write Kill frame exchange between VCD and LRI2K . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
Figure 56.
Lock Kill frame exchange between VCD and LRI2K . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Figure 57.
Fast Read Single Block frame exchange between VCD and LRI2K. . . . . . . . . . . . . . . . . . 69
Figure 58.
Fast Initiate frame exchange between VCD and LRI2K . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
Figure 59.
Fast Read Multiple Block frame exchange between VCD and LRI2K . . . . . . . . . . . . . . . . 73
Figure 60.
Initiate frame exchange between VCD and LRI2K . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
Figure 61.
LRI2K synchronous timing, transmit and receive . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 78
Figure 62.
A1 antenna on tape outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
Figure 63.
A6 antenna on tape outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
Figure 64.
A7 antenna on tape outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
Figure 65.
UFDFPN8 - 8-lead ultra thin fine pitch dual flat package no lead (MLP) outline . . . . . . . . 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89