Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SY4.00MM3C50M Fiches technique(PDF) 2 Page - Pro-Power

No de pièce SY4.00MM3C50M
Description  Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROPOWER [Pro-Power]
Site Internet  
Logo PROPOWER - Pro-Power

SY4.00MM3C50M Fiches technique(HTML) 2 Page - Pro-Power

  SY4.00MM3C50M Datasheet HTML 1Page - Pro-Power SY4.00MM3C50M Datasheet HTML 2Page - Pro-Power SY4.00MM3C50M Datasheet HTML 3Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Cable
Page 2
01/02/08 V1.0
Specification Table
Secondary
Insulation
Colour
Core
Identification
Secondary
Screen Type
Conductor
Area
CSA
(mm2)
Number
of
Cores
External
Diameter
Minimum
Bending
Radius
Reel
Length
(m)
Part Number
Transparent
Number Coded
Black Cores
Galvanised Steel
Wire Armour
1.50
2
10.6
196
50
SY1.50MM2C50M
2.50
13.0
260
SY2.50MM2C50M
Number Coded
Black Cores +
Green/Yellow
0.75
3
9.7
194
SY0.75MM3C100M
100
SY0.75MM3C50M
1.00
10.2
204
SY1.00MM3C100M
1.50
11.0
220
50
SY1.50MM3C50M
100
SY1.50MM3C100M
2.50
13.6
272
50
SY2.50MM3C50M
100
SY2.50MM3C100M
4.00
15.5
310
SY4.00MM3C100M
Grey
Tinned Copper
Wire Braid
0.75
5
10.3
206
50
CY0.75MM5C50M
Dimensions : Millimetres (Unless Specified)



Html Pages

1 2 3