Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2ST5949 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce 2ST5949
Description  High power NPN epitaxial planar bipolar transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2ST5949 Fiches technique(HTML) 6 Page - STMicroelectronics

  2ST5949 Datasheet HTML 1Page - STMicroelectronics 2ST5949 Datasheet HTML 2Page - STMicroelectronics 2ST5949 Datasheet HTML 3Page - STMicroelectronics 2ST5949 Datasheet HTML 4Page - STMicroelectronics 2ST5949 Datasheet HTML 5Page - STMicroelectronics 2ST5949 Datasheet HTML 6Page - STMicroelectronics 2ST5949 Datasheet HTML 7Page - STMicroelectronics 2ST5949 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package mechanical data
2ST5949
6/8
DIM.
mm.
min.
typ
max.
A11.00
13.10
B0.971.15
C
1.50
1.65
D
8.32
8.92
E19.00
20.00
G
10.70
11.10
N
16.50
17.20
P
25.00
26.00
R
4.00
4.09
U
38.50
39.30
V
30.00
30.30
TO-3 mechanical data
0015923C



Html Pages

1 2 3 4 5 6 7 8